Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM15N65CT Datasheet (PDF) - PFC Device Inc.

PSM15N65CT Datasheet PDF - PFC Device Inc.
Part # PSM15N65CT
Download  PSM15N65CT Download
File Size   664.08 Kbytes
Page   10 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 15A 650V Single N?륝hannel Power MOSFET

PSM15N65CT Datasheet (PDF)

Go To PDF Page Download Datasheet
PSM15N65CT Datasheet PDF - PFC Device Inc.

Part # PSM15N65CT
Download  PSM15N65CT Click to download

File Size   664.08 Kbytes
Page   10 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 15A 650V Single N?륝hannel Power MOSFET

PSM15N65CT Datasheet (HTML) - PFC Device Inc.




Similar Part No. - PSM15N65CT

ManufacturerPart #DatasheetDescription
logo
PFC Device Inc.
PSM15N60CT PFC-PSM15N60CT Datasheet
938Kb / 10P
15A 600V Single N?륝hannel Power MOSFET
More results


Similar Description - PSM15N65CT

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
15N65 UTC-15N65_11 Datasheet
186Kb / 6P
15A, 650V N-CHANNEL POWER MOSFET
logo
ON Semiconductor
NDD03N80Z ONSEMI-NDD03N80Z_13 Datasheet
124Kb / 8P
N?륝hannel Power MOSFET
October, 2013 ??Rev. 2
logo
PFC Device Inc.
PSM7N50CT PFC-PSM7N50CT Datasheet
698Kb / 10P
7.6A 500V Single N?륝hannel Power MOSFET
PSM7N60CT PFC-PSM7N60CT Datasheet
980Kb / 10P
7.3A 600V Single N?륝hannel Power MOSFET
PSM7N65CT PFC-PSM7N65CT Datasheet
763Kb / 10P
7.3A 650V Single N?륝hannel Power MOSFET
PSM11N50CT PFC-PSM11N50CT Datasheet
735Kb / 10P
11.6A 500V Single N?륝hannel Power MOSFET
PSM11N65CT PFC-PSM11N65CT Datasheet
763Kb / 10P
11A 650V Single N?륝hannel Power MOSFET
PSM15N60CT PFC-PSM15N60CT Datasheet
938Kb / 10P
15A 600V Single N?륝hannel Power MOSFET
PSM16N50CT PFC-PSM16N50CT Datasheet
679Kb / 10P
16A 500V Single N?륝hannel Power MOSFET
logo
Rohm
R6515KNX3 ROHM-R6515KNX3 Datasheet
2Mb / 14P
Nch 650V 15A Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com