Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PSM16N50CT Datasheet (PDF) - PFC Device Inc.

PSM16N50CT Datasheet PDF - PFC Device Inc.
Part # PSM16N50CT
Download  PSM16N50CT Download
File Size   679.36 Kbytes
Page   10 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 16A 500V Single N?륝hannel Power MOSFET

PSM16N50CT Datasheet (PDF)

Go To PDF Page Download Datasheet
PSM16N50CT Datasheet PDF - PFC Device Inc.

Part # PSM16N50CT
Download  PSM16N50CT Click to download

File Size   679.36 Kbytes
Page   10 Pages
Manufacturer  PFC [PFC Device Inc.]
Direct Link  http://www.pfc-device.com/eng/index.php
Logo PFC - PFC Device Inc.
Description 16A 500V Single N?륝hannel Power MOSFET

PSM16N50CT Datasheet (HTML) - PFC Device Inc.




Similar Part No. - PSM16N50CT

ManufacturerPart #DatasheetDescription
logo
Powersem GmbH
PSM16 POWERSEM-PSM16 Datasheet
69Kb / 1P
Silicon Power Diode
More results


Similar Description - PSM16N50CT

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOT16N50 AOSMD-AOT16N50 Datasheet
166Kb / 6P
500V, 16A N-Channel MOSFET
logo
Rohm
R5016FNJ ROHM-R5016FNJ Datasheet
3Mb / 14P
Nch 500V 16A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM16ND50CI TSC-TSM16ND50CI Datasheet
263Kb / 6P
N-Channel Power MOSFET 500V, 16A, 0.35廓
logo
PFC Device Inc.
PSM7N50CT PFC-PSM7N50CT Datasheet
698Kb / 10P
7.6A 500V Single N?륝hannel Power MOSFET
PSM7N65CT PFC-PSM7N65CT Datasheet
763Kb / 10P
7.3A 650V Single N?륝hannel Power MOSFET
PSM11N50CT PFC-PSM11N50CT Datasheet
735Kb / 10P
11.6A 500V Single N?륝hannel Power MOSFET
PSM11N65CT PFC-PSM11N65CT Datasheet
763Kb / 10P
11A 650V Single N?륝hannel Power MOSFET
PSM15N60CT PFC-PSM15N60CT Datasheet
938Kb / 10P
15A 600V Single N?륝hannel Power MOSFET
PSM15N65CT PFC-PSM15N65CT Datasheet
664Kb / 10P
15A 650V Single N?륝hannel Power MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com