Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AOT16N50 Datasheet (PDF) - Alpha & Omega Semiconductors

AOT16N50 Datasheet PDF - Alpha & Omega Semiconductors
Part # AOT16N50
Download  AOT16N50 Download
File Size   166.0 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 16A N-Channel MOSFET

AOT16N50 Datasheet (PDF)

Go To PDF Page Download Datasheet
AOT16N50 Datasheet PDF - Alpha & Omega Semiconductors

Part # AOT16N50
Download  AOT16N50 Click to download

File Size   166.0 Kbytes
Page   6 Pages
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors
Description 500V, 16A N-Channel MOSFET

AOT16N50 Datasheet (HTML) - Alpha & Omega Semiconductors


AOT16N50 Product details

General Description
The AOT16N50 & AOTF16N50 have been fabricated using an advanced high voltage MOSFET process that is designed to deliver high levels of performance and robustness in popular AC-DC applications. By providing low RDS(on), Ciss and Crss along with guaranteed avalanche capability these parts can be adopted quickly into new and existing offline power supply designs.

For Halogen Free add "L" suffix to part number: AOT16N50L & AOTF16N50L


Product Summary
    VDS                                    600V@150℃
    ID (at VGS=10V)                16A
    RDS(ON) (at VGS=10V) < 0.37Ω

    100% UIS Tested
    100% Rg Tested




Similar Part No. - AOT16N50

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
AOT16N50 ISC-AOT16N50 Datasheet
305Kb / 2P
isc N-Channel MOSFET Transistor
More results


Similar Description - AOT16N50

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh™ I MOSFET
Oct-2001
logo
Fairchild Semiconductor
FQA24N50 FAIRCHILD-FQA24N50 Datasheet
734Kb / 8P
500V N-Channel MOSFET
FQAF13N50 FAIRCHILD-FQAF13N50 Datasheet
723Kb / 8P
500V N-Channel MOSFET
FQD1N50 FAIRCHILD-FQD1N50 Datasheet
740Kb / 9P
500V N-Channel MOSFET
FQD5N50 FAIRCHILD-FQD5N50 Datasheet
772Kb / 9P
500V N-Channel MOSFET
logo
Rohm
R5016FNJ ROHM-R5016FNJ Datasheet
3Mb / 14P
Nch 500V 16A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM16ND50CI TSC-TSM16ND50CI Datasheet
263Kb / 6P
N-Channel Power MOSFET 500V, 16A, 0.35廓
logo
PFC Device Inc.
PSM16N50CT PFC-PSM16N50CT Datasheet
679Kb / 10P
16A 500V Single N?륝hannel Power MOSFET
logo
DONGGUAN YOU FENG WEI E...
16N50A YFWDIODE-16N50A Datasheet
900Kb / 6P
16A 500V N-channel enhanced field effect transistor
More results




About Alpha & Omega Semiconductors


Alpha & Omega Semiconductors (AOS) is a global semiconductor company that specializes in the design and manufacture of power management integrated circuits (ICs).
The company was founded in 1995 and has its headquarters in San Jose, California.
AOS provides a wide range of power management solutions for applications in consumer electronics, computing, telecommunications, and industrial systems, among others.
The company is known for its cutting-edge technology and innovative products, and it has a strong reputation in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com