Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7314 Datasheet (PDF) - Maxim Integrated Products

MAX7314 Datasheet PDF - Maxim Integrated Products
Part # MAX7314
Download  MAX7314 Download
File Size   402.6 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 18-Port GPIO with LED Intensity Control, Interrupt, and Hot-Insertion Protection

MAX7314 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7314 Datasheet PDF - Maxim Integrated Products

Part # MAX7314
Download  MAX7314 Click to download

File Size   402.6 Kbytes
Page   25 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 18-Port GPIO with LED Intensity Control, Interrupt, and Hot-Insertion Protection

MAX7314 Datasheet (HTML) - Maxim Integrated Products


MAX7314 Product details

General Description
The MAX7314 I2C-compatible serial interfaced peripheral provides microprocessors with 16 I/O ports plus one output-only port and one input-only port. Each I/O port can be individually configured as either an open-drain current-sinking output rated at 50mA and 5.5V, or a logic input with transition detection. The output-only port can be assigned as an interrupt output for transition detection. The outputs are capable of driving LEDs, or providing logic outputs with external resistive pullup up to 5.5V.

Features
♦ 400kbps, 2-Wire Serial Interface, 5.5V Tolerant
♦ 2V to 3.6V Operation
♦ Overall 8-Bit PWM LED Intensity Control
   Global 16-Step Intensity Control
   Individual 16-Step Intensity Controls
♦ 2-Phase LED Blinking
♦ 50mA Maximum Port Output Current
♦ Supports Hot Insertion
♦ Outputs are 5.5V-Rated Open Drain
♦ Inputs are Overvoltage Protected to 5.5V
♦ Transition Detection with Interrupt Output
♦ 1.2µA (typ), 3.6µA (max) Operating Current
♦ Small 4mm x 4mm, Thin QFN Package
♦ -40°C to +125°C Temperature Range

Applications
   LCD Backlights
   LED Status Indication
   Relay Drivers
   Keypad Backlights
   RGB LED Drivers
   System I/O Ports




Similar Part No. - MAX7314

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX731 MAXIM-MAX731 Datasheet
490Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX731-MAX752 MAXIM-MAX731-MAX752 Datasheet
490Kb / 12P
5V/Adjustable Step-Up Current-Mode DC-DC Converters
19-4672; Rev 3; 3/96
MAX7310 MAXIM-MAX7310 Datasheet
316Kb / 15P
2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
Rev 3; 2/05
MAX7310AEE MAXIM-MAX7310AEE Datasheet
316Kb / 15P
2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
Rev 3; 2/05
MAX7310ATE MAXIM-MAX7310ATE Datasheet
316Kb / 15P
2-Wire-Interfaced 8-Bit I/O Port Expander with Reset
Rev 3; 2/05
More results


Similar Description - MAX7314

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7312 MAXIM-MAX7312 Datasheet
373Kb / 17P
2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
19-3057; Rev 0; 10/03
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX6965 MAXIM-MAX6965 Datasheet
326Kb / 22P
9-Output LED Driver with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
MAX7315 MAXIM-MAX7315 Datasheet
448Kb / 27P
8-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
MAX6964 MAXIM-MAX6964_05 Datasheet
380Kb / 23P
17-Output LED Driver/GPO with Intensity Control and Hot-Insertion Protection
Rev 3; 3/05
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
MAX7312 MAXIM-MAX7312_V01 Datasheet
296Kb / 16P
2-Wire-Interfaced 16-Bit I/O Port Expander with Interrupt and Hot-Insertion Protection
2005
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com