Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7315 Datasheet (PDF) - Maxim Integrated Products

MAX7315 Datasheet PDF - Maxim Integrated Products
Part # MAX7315
Download  MAX7315 Download
File Size   448.14 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Port I/O Expander with LED Intensity Control and Interrupt

MAX7315 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX7315 Datasheet PDF - Maxim Integrated Products

Part # MAX7315
Download  MAX7315 Click to download

File Size   448.14 Kbytes
Page   27 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 8-Port I/O Expander with LED Intensity Control and Interrupt

MAX7315 Datasheet (HTML) - Maxim Integrated Products


MAX7315 Product details

General Description
The MAX7315 I2C-/SMBus-compatible serial interfaced peripheral provides microprocessors with 8 I/O ports. Each I/O port can be individually configured as either an open-drain current-sinking output rated at 50mA at 5.5V, or a logic input with transition detection. A ninth port can be used for transition detection interrupt or as a general purpose output. The outputs are capable of directly driving LEDs, or providing logic outputs with external resistive pullup up to 5.5V.
PWM current drive is integrated with 8 bits of control. Four bits are global control and apply to all LED outputs to provide coarse adjustment of current from fully off to fully on in 14 intensity steps. Each output then has individual 4-bit control, which further divides the globally set current into 16 more steps. Alternatively, the current control can be configured as a single 8-bit control that sets all outputs at once.

Features
♦ 400kbps, 2-Wire Serial Interface, 5.5V Tolerant
♦ 2V to 3.6V Operation
♦ Overall 8-Bit PWM LED Intensity Control
   Global 16-Step Intensity Control
   Plus Individual 16-Step Intensity Control
♦ Automatic Two-Phase LED Blinking
♦ 50mA Maximum Port Output Current
♦ Supports Hot Insertion
♦ Outputs Are 5.5V-Rated Open Drain
♦ Inputs Are Overvoltage Protected to 5.5V
♦ Transition Detection with Interrupt Output
♦ Low Standby Current (1.2µA typ; 3.3µA max)
♦ Tiny 3mm x 3mm, Thin QFN Package
♦ -40°C to +125°C Temperature Range
♦ All Ports Can Be Configured as Inputs or Outputs

Applications
   LCD Backlights
   LED Status Indication
   Portable Equipment
   Laptop Computers
   Keypad Backlights
   RGB LED Drivers
   Cellular Phones




Similar Part No. - MAX7315

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7315 MAXIM-MAX7315 Datasheet
2Mb / 26P
8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7315AEE MAXIM-MAX7315AEE Datasheet
2Mb / 26P
8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7315ATE MAXIM-MAX7315ATE Datasheet
2Mb / 26P
8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7315AUE MAXIM-MAX7315AUE Datasheet
2Mb / 26P
8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
More results


Similar Description - MAX7315

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
logo
Catalyst Semiconductor
CAT9554A CATALYST-CAT9554A Datasheet
267Kb / 16P
8-bit I2C and SMBus I/O Port with Interrupt
logo
Maxim Integrated Produc...
MAX6946 MAXIM-MAX6946 Datasheet
267Kb / 24P
10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control
Rev 3; 2/08
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
logo
Texas Instruments
PCA9554 TI1-PCA9554_15 Datasheet
768Kb / 34P
SMBus I/O Expander With Interrupt Output
PCA9554A TI1-PCA9554A_15 Datasheet
1Mb / 40P
SMBus I/O Expander With Interrupt Output
PCA9555 TI1-PCA9555_15 Datasheet
1Mb / 42P
SMBus I/O Expander With Interrupt Output
logo
Maxim Integrated Produc...
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com