Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX6946 Datasheet (PDF) - Maxim Integrated Products

MAX6946 Datasheet PDF - Maxim Integrated Products
Part # MAX6946
Download  MAX6946 Download
File Size   267.49 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control

MAX6946 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX6946 Datasheet PDF - Maxim Integrated Products

Part # MAX6946
Download  MAX6946 Click to download

File Size   267.49 Kbytes
Page   24 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 10-Port, Constant-Current LED Driver and I/O Expander with PWM Intensity Control

MAX6946 Datasheet (HTML) - Maxim Integrated Products


MAX6946 Product details

General Description
The MAX6946/MAX6947 I2C-/SMBusTM-compatible, serial-interfaced peripherals provide microprocessors with 10 I/O ports rated to 7V.
Each port can be configured as a 2.5mA to 20mA constant-current LED driver (static or PWM), a 1.25mA to 10mA constant-current LED driver (static or PWM), an open-drain logic output, or an overvoltage-protected Schmitt logic input.
Analog and switching LED intensity control includes individual 8-bit PWM control per output, individual 1-bit analog current control (half/full scale) per output, and a global 3-bit DAC current control that applies to all LED outputs.

Features
♦ 2.25V to 3.6V Operation
♦ I/O Ports Default to High Impedance (LEDs Off) on Power-Up
♦ I/O Port Inputs Are Overvoltage Protected to 7V
♦ I/O Port Outputs Are 7V-Rated Open-Drain, 10mA or 20mA Constant-Current Static/PWM LED Drivers, or Open-Drain Logic Outputs
♦ I/O Ports Support Hot Insertion
♦ Individual 8-Bit PWM Intensity Control for Each LED
♦ RST Input Clears Serial Interface and Can Exit Shutdown (Warm Start)
♦ MAX6946 OSC Input Allows for External PWM Clock Input
♦ MAX6947 AD0 Input Selects from Two Slave Addresses
♦ Auto Ramp-Up Out of Shutdown, and Up to 4s Hold-Off Before Ramp-Down into Shutdown
♦ 0.8µA (typ) Shutdown Current
♦ -40°C to +125°C Temperature Range
♦ Tiny WLP Package (4 x 4 Grid)

Applications
   Cellular Phones
   Portable Equipment
   RGB LED Drivers
   LCD Backlights
   Keypad Backlights
   LED Status Indicators




Similar Part No. - MAX6946

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX694 MAXIM-MAX694 Datasheet
626Kb / 16P
Microprocessor Supervisory Circuits
Rev 2; 4/95
MAX6948 MAXIM-MAX6948 Datasheet
730Kb / 17P
MAX6948 Evaluation Kit
Rev 0; 9/09
MAX6948B MAXIM-MAX6948B Datasheet
2Mb / 28P
High-Efficiency PWM LED Driver with Boost Converter and Five Constant-Current GPIO Ports
Rev 0; 9/09
MAX6948BGWA+ MAXIM-MAX6948BGWA+ Datasheet
2Mb / 28P
High-Efficiency PWM LED Driver with Boost Converter and Five Constant-Current GPIO Ports
Rev 0; 9/09
MAX6948EVKIT MAXIM-MAX6948EVKIT Datasheet
730Kb / 17P
MAX6948 Evaluation Kit
Rev 0; 9/09
More results


Similar Description - MAX6946

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6966 MAXIM-MAX6966 Datasheet
398Kb / 29P
10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Rev 2; 4/05
MAX7313 MAXIM-MAX7313 Datasheet
414Kb / 27P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 4; 4/05
MAX7315 MAXIM-MAX7315 Datasheet
448Kb / 27P
8-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
logo
New Japan Radio
NJW4615 NJRC-NJW4615 Datasheet
62Kb / 3P
Constant Current LED Driver with PWM Control
logo
Maxim Integrated Produc...
MAX7313 MAXIM-MAX7313_11 Datasheet
253Kb / 26P
16-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
Rev 5; 6/11
logo
New Japan Radio
NJW4617 NJRC-NJW4617 Datasheet
155Kb / 4P
Constant Current LED Driver with PWM Control
logo
Maxim Integrated Produc...
MAX6966 MAXIM-MAX6966_14 Datasheet
650Kb / 29P
10-Port Constant-Current LED Drivers and I/O Expanders with PWM Intensity Control
Rev 2; 4/05
MAX7316 MAXIM-MAX7316 Datasheet
284Kb / 25P
10-Port I/O Expander with LED Intensity Control and Interrupt
Rev 0; 10/03
MAX7315 MAXIM-MAX7315_V01 Datasheet
2Mb / 26P
8-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3056; Rev 3; 1/05
MAX7316 MAXIM-MAX7316_V01 Datasheet
475Kb / 24P
10-Port I/O Expander with LED Intensity Control, Interrupt, and Hot-Insertion Protection
19-3055; Rev 3; 1/05
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com