Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F635E/SL Datasheet (PDF) - Microchip Technology

PIC12F635E/SL Datasheet PDF - Microchip Technology
Part # PIC12F635E/SL
Download  PIC12F635E/SL Download
File Size   3290.84 Kbytes
Page   196 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY

PIC12F635E/SL Datasheet (PDF)

Go To PDF Page Download Datasheet
PIC12F635E/SL Datasheet PDF - Microchip Technology

Part # PIC12F635E/SL
Download  PIC12F635E/SL Click to download

File Size   3290.84 Kbytes
Page   196 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8/14-PIN FLASH-BASED, 8-BIT CMOS MICROCONTROLLERS WITH NANOWATT TECHNOLOGY

PIC12F635E/SL Datasheet (HTML) - Microchip Technology


PIC12F635E/SL Product details

DEVICE OVERVIEW
This document contains device specific information for the PIC12F635/PIC16F636/639 devices.
   
High-Performance RISC CPU:
• Only 35 instructions to learn:
    - All single-cycle instructions except branches
• Operating speed:
    - DC – 20 MHz oscillator/clock input
    - DC – 200 ns instruction cycle
• Interrupt capability
• 8-level deep hardware stack
• Direct, Indirect and Relative Addressing modes
   
Special Microcontroller Features:
• Precision Internal Oscillator:
    - Factory calibrated to ±1%, typical
    - Software selectable frequency range of 8 MHz to 125 kHz
    - Software tunable
    - Two-Speed Start-up mode
    - Crystal fail detect for critical applications
    - Clock mode switching during operation for power savings
• Clock mode switching for low-power operation
• Power-Saving Sleep mode
• Wide operating voltage range (2.0V-5.5V)
• Industrial and Extended Temperature range
• Power-on Reset (POR)
• Wake-up Reset (WUR)
• Independent weak pull-up/pull-down resistors
• Programmable Low-Voltage Detect (PLVD)
• Power-up Timer (PWRT) and Oscillator Start-up Timer (OST)
• Brown-out Reset (BOR) with software control option
• Enhanced Low-Current Watchdog Timer (WDT) with on-chip oscillator (software selectable nominal 268 seconds with full prescaler) with software enable
• Multiplexed Master Clear with pull-up/input pin
• Programmable code protection (program and data independent)
• High-Endurance Flash/EEPROM cell:
    - 100,000 write Flash endurance
    - 1,000,000 write EEPROM endurance
    - Flash/Data EEPROM Retention: > 40 years
   
Low-Power Features:
• Standby Current:
    - 1 nA @ 2.0V, typical
• Operating Current:
    - 8.5 μA @ 32 kHz, 2.0V, typical
    - 100 μA @ 1 MHz, 2.0V, typical
• Watchdog Timer Current:
    - 1 μA @ 2.0V, typical (Continue ...)
   




Similar Part No. - PIC12F635E/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC12F635EMD MICROCHIP-PIC12F635EMD Datasheet
3Mb / 234P
PIC12F635/PIC16F636/639 Data Sheet
12/08/06
PIC12F635EMF MICROCHIP-PIC12F635EMF Datasheet
3Mb / 234P
PIC12F635/PIC16F636/639 Data Sheet
12/08/06
PIC12F635EML MICROCHIP-PIC12F635EML Datasheet
3Mb / 234P
PIC12F635/PIC16F636/639 Data Sheet
12/08/06
PIC12F635EP MICROCHIP-PIC12F635EP Datasheet
3Mb / 234P
PIC12F635/PIC16F636/639 Data Sheet
12/08/06
PIC12F635ESL MICROCHIP-PIC12F635ESL Datasheet
3Mb / 234P
PIC12F635/PIC16F636/639 Data Sheet
12/08/06
More results


Similar Description - PIC12F635E/SL

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PIC16F684 MICROCHIP-PIC16F684 Datasheet
2Mb / 164P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2004
PIC16F688 MICROCHIP-PIC16F688 Datasheet
2Mb / 174P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2004
PIC16F684 MICROCHIP-PIC16F684_07 Datasheet
3Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688 MICROCHIP-PIC16F688_07 Datasheet
3Mb / 202P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC12F635 MICROCHIP-PIC12F635_07 Datasheet
3Mb / 234P
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
2007
PIC16F688 MICROCHIP-PIC16F688_09 Datasheet
3Mb / 204P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
2009
PIC16F636-I MICROCHIP-PIC16F636-I Datasheet
2Mb / 234P
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F688-I MICROCHIP-PIC16F688-I Datasheet
3Mb / 204P
14-Pin Flash-Based, 8-Bit CMOS Microcontrollers with nanoWatt Technology
03/26/09
PIC16F636T-I MICROCHIP-PIC16F636T-I Datasheet
2Mb / 234P
8/14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
PIC16F684T-E MICROCHIP-PIC16F684T-E Datasheet
2Mb / 192P
14-Pin, Flash-Based 8-Bit CMOS Microcontrollers with nanoWatt Technology
12/08/06
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com