Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM7716GS-K Datasheet (PDF) - OKI electronic componets

MSM7716GS-K Datasheet PDF - OKI electronic componets
Part # MSM7716GS-K
Download  MSM7716GS-K Download
File Size   163.91 Kbytes
Page   22 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail Linear CODEC

MSM7716GS-K Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM7716GS-K Datasheet PDF - OKI electronic componets

Part # MSM7716GS-K
Download  MSM7716GS-K Click to download

File Size   163.91 Kbytes
Page   22 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Single Rail Linear CODEC

MSM7716GS-K Datasheet (HTML) - OKI electronic componets


MSM7716GS-K Product details

GENERAL DESCRIPTION
The MSM7716 is a single-channel CODEC CMOS IC for voice signals that contains filters for linear A/D and D/A conversion.
Designed especially for a single-power supply and low-power applications, the device is optimized for applications for the analog interfaces of audio signal processing DSPs and digital wireless systems.
The analog output signal can directly drive a ceramic type handset receiver. In addition, levels for analog outputs can be set by external control.

FEATURES
• Single power supply : +2.7 V to +3.6 V
• Low power consumption
    Operating mode : 24 mW Typ.
    Power down mode : 0.05 mW Typ.
• Digital signal input/output interface : 14-bit serial code in 2s complement format
• Sampling frequency(fs) : 4 to 16 kHz
• Transmission clock frequency : fs x 14 min., 2048 kHz max.
• Filter characteristics : when fs = 8 kHz, complies with ITU-T Recommendation G. 714
• Built-in PLL eliminates a master clock
• Two input circuits in transmit section
• Two output circuits in receive section
• Transmit gain adjustable using an external resistor
• Receive gain adjustable by external control 8 steps, 4 dB/step
• Transmit mic-amp is eliminated by the gain setting of a maximum of 36 dB.
• Analog outputs can drive a load of a minimum of 1 kΩ ; an amplitude of a maximum of 4.0 VPP with push-pull driving.
• Built-in reference voltage supply
• Package options:
    32-pin plastic TSOP (TSOPI32-P-814-0.50-1K) (Product name : MSM7716TS-K)
    30-pin plastic SSOP (SSOP30-P-56-0.65-K) (Product name : MSM7716GS-K)




Similar Part No. - MSM7716GS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7716P OKI-MSM7716P Datasheet
155Kb / 23P
Single Rail Linear CODEC
MSM7716PMB OKI-MSM7716PMB Datasheet
155Kb / 23P
Single Rail Linear CODEC
More results


Similar Description - MSM7716GS-K

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML7000-01 OKI-ML7000-01 Datasheet
144Kb / 19P
Single Rail CODEC
MSM7507-01 OKI-MSM7507-01 Datasheet
139Kb / 18P
Single Rail CODEC
MSM7508B OKI-MSM7508B Datasheet
147Kb / 17P
Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
Single Rail CODEC
MSM7702-01 OKI-MSM7702-01 Datasheet
129Kb / 17P
Single Rail CODEC
MSM7728 OKI-MSM7728 Datasheet
150Kb / 23P
Single Rail Linear CODEC
MSM7566 OKI-MSM7566 Datasheet
180Kb / 19P
Single Rail CODEC
MSM7716P OKI-MSM7716P Datasheet
155Kb / 23P
Single Rail Linear CODEC
logo
List of Unclassifed Man...
MSM7578V ETC2-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
logo
LAPIS Semiconductor Co....
MSM7578V LAPIS-MSM7578V Datasheet
1,018Kb / 20P
Single Rail CODEC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com