Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1265W Datasheet (PDF) - Dallas Semiconductor

DS1265W Datasheet PDF - Dallas Semiconductor
Part # DS1265W
Download  DS1265W Download
File Size   155.91 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V 8Mb Nonvolatile SRAM

DS1265W Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1265W Datasheet PDF - Dallas Semiconductor

Part # DS1265W
Download  DS1265W Click to download

File Size   155.91 Kbytes
Page   8 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V 8Mb Nonvolatile SRAM

DS1265W Datasheet (HTML) - Dallas Semiconductor


DS1265W Product details

DESCRIPTION
The DS1265W 8Mb nonvolatile (NV) SRAMs are 8,388,608-bit, fully static, NV SRAMs organized as 1,048,576 words by 8 bits. Each NV SRAM has a self-contained lithium energy source and control circuitry that constantly monitors VCC for an out-of-tolerance condition. When such a condition occurs, the lithium energy source is automatically switched on and write protection is unconditionally enabled to prevent data corruption. There is no limit on the number of write cycles that can be executed and no additional support circuitry is required for microprocessor interfacing.

FEATURES
◾ 10 years minimum data retention in the absence of external power
◾ Data is automatically protected during power loss
◾ Unlimited write cycles
◾ Low-power CMOS operation
◾ Read and write access times as fast as 100ns
◾ Lithium energy source is electrically disconnected to retain freshness until power is applied for the first time
◾ Optional industrial (IND) temperature range of -40°C to +85°C




Similar Part No. - DS1265W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W-100 DALLAS-DS1265W-100 Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W-100+ MAXIM-DS1265W-100+ Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
logo
Dallas Semiconductor
DS1265W-100IND DALLAS-DS1265W-100IND Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
More results


Similar Description - DS1265W

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1230W DALLAS-DS1230W Datasheet
214Kb / 11P
3.3V 256k Nonvolatile SRAM
DS1245W DALLAS-DS1245W Datasheet
218Kb / 11P
3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS3065W MAXIM-DS3065W Datasheet
321Kb / 18P
3.3V Single-Piece 8Mb Nonvolatile SRAM with Clock
Rev 0; 4/05
DS2065W MAXIM-DS2065W Datasheet
180Kb / 12P
3.3V Single-Piece 8Mb Nonvolatile SRAM
Rev 0; 1/05
DS3065WP MAXIM-DS3065WP Datasheet
1Mb / 15P
3.3V, 8Mb, Nonvolatile SRAM with Clock
19-5450; Rev 0; 7/10
logo
Dallas Semiconductor
DS1265W DALLAS-DS1265W_10 Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
logo
ARTSCHIP ELECTRONICS CO...
DS1230W ARTSCHIP-DS1230W Datasheet
527Kb / 11P
3.3V 256K Nonvolatile SRAM
DS1245W ARTSCHIP-DS1245W Datasheet
401Kb / 11P
3.3V 1024k Nonvolatile SRAM
logo
Maxim Integrated Produc...
DS1265W MAXIM-DS1265W Datasheet
192Kb / 8P
3.3V 8Mb Nonvolatile SRAM
19-5617; Rev 11/10
DS1250W MAXIM-DS1250W Datasheet
226Kb / 9P
3.3V 4096k Nonvolatile SRAM
19-5648; Rev 12/10
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com