Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA73072CL Datasheet (PDF) - Sanyo Semicon Device

LA73072CL Datasheet PDF - Sanyo Semicon Device
Part # LA73072CL
Download  LA73072CL Download
File Size   311.82 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LA73072CL

LA73072CL Datasheet (PDF)

Go To PDF Page Download Datasheet
LA73072CL Datasheet PDF - Sanyo Semicon Device

Part # LA73072CL
Download  LA73072CL Click to download

File Size   311.82 Kbytes
Page   5 Pages
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device
Description LA73072CL

LA73072CL Datasheet (HTML) - Sanyo Semicon Device


LA73072CL Product details

LA73072CL is a 75Ω video driver for DSC.

Function / Feature
◾ No need for output coupling capacity
◾ Low voltage drive (VCC = 2.8V to 3.6V)
◾ V sag does not occur
◾ Built-in 6th order LPF (fc = 7.5MHz)
◾ Current consumption in standby mode is 0µA
◾ Amplifier gain can be selected from 3 types (6, 12, 16 dB) (Pin control (GND / Open / VCC))
◾ Output drive capacity is up to 75Ω output 1 system




Similar Part No. - LA73072CL

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA73073CL SANYO-LA73073CL Datasheet
241Kb / 6P
Monolithic Linear IC Video Driver for DSC
LA73074CL SANYO-LA73074CL Datasheet
80Kb / 6P
Monolithic Linear IC Video Driver for DSC/Cell Phone
LA73076V SANYO-LA73076V Datasheet
154Kb / 7P
Monolithic Linear IC Video Driver for DVC/DSC, Cell Phone
logo
ON Semiconductor
LA73076V ONSEMI-LA73076V Datasheet
159Kb / 7P
Video Driver
July, 2013
logo
Sanyo Semicon Device
LA73079CL SANYO-LA73079CL Datasheet
80Kb / 6P
Monolithic Linear IC Video Driver for DSC
More results






About Sanyo Semicon Device


Sanyo Semiconductor Device Corporation, or Sanyo Semicon Device, was a subsidiary of Sanyo Electric Co., Ltd., a Japanese electronics company. Sanyo Semicon Device was a manufacturer of semiconductor devices, including diodes, transistors, and other components for consumer electronics, automotive, and industrial applications. The company was established in 1970 and was headquartered in Osaka, Japan.

Sanyo Semicon Device was known for its high-quality products and its commitment to meeting the needs of its customers. The company had a strong focus on research and development and was involved in the development of new technologies and products for the semiconductor industry. Sanyo Semicon Device's products were widely used in a variety of applications and helped support the growth of the electronics industry.

In 2010, Sanyo Electric was acquired by Panasonic Corporation, a leading global electronics company. As a result, Sanyo Semicon Device became a subsidiary of Panasonic and was integrated into its semiconductor business. The acquisition allowed Panasonic to expand its product portfolio and offerings in the semiconductor market and further strengthen its position in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com