Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LA73072CL Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LA73072CL
Description  LA73072CL
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA73072CL Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LA73072CL Datasheet HTML 1Page - Sanyo Semicon Device LA73072CL Datasheet HTML 2Page - Sanyo Semicon Device LA73072CL Datasheet HTML 3Page - Sanyo Semicon Device LA73072CL Datasheet HTML 4Page - Sanyo Semicon Device LA73072CL Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
LA73072CL
No.8083-2/5
前ページより続く。
項目
記号
条件
min
typ
max
unit
[ビデオ部]
電圧利得V6
VG-L
VIN=1Vp-p 100% white
2pin=Low(GND)
5.7
6.2
6.7
dB
電圧利得V12
VG-M
VIN=0.5Vp-p 100% white
2pin=MID(Open)
11.7
12.2
12.7
dB
電圧利得V16
VG-H
VIN=317mVp-p 100% white
2pin=High(VCC)
15.7
16.2
16.7
dB
周波数特性
Vf
f=100kHz/5MHz
−1.5
−0.5
+0.5
dB
DG/Differential Gain
DG
−2.0
0
+2.0
%
DP/Differential Phase
DP
−2.0
0
+2.0
℃
[制御端子部]
スタンバイ制御端子H電圧
(SET=STANDBY MODE)
VTH-STBY-H
ICC≦5µAになる
4pin端子電圧範囲
VCC−0.5
3.6
V
スタンバイ制御端子L電圧
(SET=ACTIVE MODE)
VTH-STBY-L
動作モードになる
4pin端子電圧範囲
GND
0.3
V
ゲイン選択制御端子H電圧
(SET=16dB)
VTH-G-H
Amp Gainが16dBになる
2pin端子電圧範囲
VCC−0.3
VCC
V
ゲイン選択制御端子M電圧
(SET=12dB)
VTH-G-M
Amp Gainが12dBになる
2pin端子電圧範囲
1.0
1.2
(OPEN)
1.4
V
ゲイン選択制御端子L電圧
(SET=6dB)
VTH-G-L
Amp Gainが6dBになる
2pin端子電圧範囲
GND
0.3
V
外形図
unit:mm
3301



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com