Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC2312 Datasheet (PDF) - eleflow technologies co., ltd.

2SC2312 Datasheet PDF - eleflow technologies co., ltd.
Part # 2SC2312
Download  2SC2312 Download
File Size   117.19 Kbytes
Page   2 Pages
Manufacturer  ELEFLOW [eleflow technologies co., ltd.]
Direct Link  http://www.eleflow.com/
Logo ELEFLOW - eleflow technologies co., ltd.
Description Especially suitable for the output stage of 27MHz 4W AM

2SC2312 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SC2312 Datasheet PDF - eleflow technologies co., ltd.

Part # 2SC2312
Download  2SC2312 Click to download

File Size   117.19 Kbytes
Page   2 Pages
Manufacturer  ELEFLOW [eleflow technologies co., ltd.]
Direct Link  http://www.eleflow.com/
Logo ELEFLOW - eleflow technologies co., ltd.
Description Especially suitable for the output stage of 27MHz 4W AM

2SC2312 Datasheet (HTML) - eleflow technologies co., ltd.




Similar Part No. - 2SC2312

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
2SC2312 MITSUBISHI-2SC2312 Datasheet
93Kb / 2P
RF POWER TRANSISTOR
2SC2312-11-C MITSUBISHI-2SC2312-11-C Datasheet
93Kb / 2P
RF POWER TRANSISTOR
More results


Similar Description - 2SC2312

ManufacturerPart #DatasheetDescription
logo
Guilin Strong Micro-Ele...
GMA6801 GSME-GMA6801 Datasheet
279Kb / 3P
Suitable for Driver Stage of Small Motor Complementary to GMC6802
GMC6802 GSME-GMC6802 Datasheet
278Kb / 3P
Suitable for Driver Stage of Small Motor Complementary to GMA6801
logo
MAKO SEMICONDUCTOR CO.,...
2SC2884 MAKOSEMI-2SC2884 Datasheet
102Kb / 2P
Suitable for output stage of 3 watts amplifier.
logo
OSRAM GmbH
BP103 OSRAM-BP103 Datasheet
226Kb / 7P
Especially suitable for applications from 420 nm to 1130 nm
SFH2332 OSRAM-SFH2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
BPW-34 OSRAM-BPW-34 Datasheet
474Kb / 6P
Especially suitable for applications from 400 nm to 1100 nm
BPW-34-B OSRAM-BPW-34-B Datasheet
244Kb / 7P
Especially suitable for applications from 350 nm to 1100 nm
BPX-81 OSRAM-BPX-81 Datasheet
295Kb / 7P
Especially suitable for applications from 450 nm to 1100 nm
SFH-2332 OSRAM-SFH-2332 Datasheet
262Kb / 6P
Especially suitable for applications from 350nm to 780nm
logo
SHIKUES Electronics
2SA1203 SKTECHNOLGY-2SA1203 Datasheet
1Mb / 2P
Suitable For Output Stage of 3 Waits Amplifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com