Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDB4385 Datasheet (PDF) - Cirrus Logic

CDB4385 Datasheet PDF - Cirrus Logic
Part # CDB4385
Download  CDB4385 Download
File Size   1160.72 Kbytes
Page   56 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 114 dB, 192kHz 8-CHANNEL D/A CONVERTER

CDB4385 Datasheet (PDF)

Go To PDF Page Download Datasheet
CDB4385 Datasheet PDF - Cirrus Logic

Part # CDB4385
Download  CDB4385 Click to download

File Size   1160.72 Kbytes
Page   56 Pages
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic
Description 114 dB, 192kHz 8-CHANNEL D/A CONVERTER

CDB4385 Datasheet (HTML) - Cirrus Logic


CDB4385 Product details

Description
The CS4385 is a complete 8-channel digital-to-analog system. This D/A system includes digital de-emphasis, half-dB step size volume control, ATAPI channel mixing, selectable fast and slow digital interpolation filters followed by an oversampled, multi-bit delta sigma modulator which includes mismatch-shaping technology that eliminates distortion due to capacitor mismatch. Following this stage is a multi-element switched capacitor stage and low-pass filter with differential analog outputs.

Features
♦ Advanced Multi-bit Delta Sigma Architecture
♦ 24-bit Conversion
♦ Automatic Detection of Sample Rates up to 192 kHz
♦ 114 dB Dynamic Range
♦ -100 dB THD+N
♦ Direct Stream Digital Mode
    – Non-Decimating Volume Control
    – On-Chip 50 kHz Filter
    – Matched PCM and DSD Analog Output Levels
♦ Compatible with Industry-Standard Time Division Multiplexed (TDM) Serial Interface
♦ Selectable Digital Filters
♦ Volume Control with 1/2-dB Step Size and Soft Ramp
♦ Low Clock-Jitter Sensitivity
♦ +5 V Analog Supply, +2.5 V Digital Supply
♦ Separate 1.8 to 5 V Logic Supplies for the Control and Serial Ports




Similar Part No. - CDB4385

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CDB4385 CIRRUS-CDB4385 Datasheet
1Mb / 55P
114 dB, 192 kHz 8-Channel D/A Converter
CDB4385A CIRRUS-CDB4385A Datasheet
2Mb / 31P
Demonstrates recommended layout and grounding arrangements
More results


Similar Description - CDB4385

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS4383 CIRRUS-CS4383 Datasheet
952Kb / 40P
114 dB, 192 kHz 8-Channel D/A Converter?
CS4382 CIRRUS-CS4382 Datasheet
981Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS4382A CIRRUS-CS4382A Datasheet
685Kb / 47P
114 dB, 192 kHz 8-channel D/A Converter
CS5368 CIRRUS-CS5368 Datasheet
354Kb / 39P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4382A CIRRUS-CS4382A_05 Datasheet
938Kb / 47P
114 dB, 192 kHz 8-Channel D/A Converter
CS4385 CIRRUS-CS4385_07 Datasheet
1Mb / 55P
114 dB, 192 kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_07 Datasheet
709Kb / 41P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4382 CIRRUS-CS4382_08 Datasheet
844Kb / 42P
114 dB, 192 kHz 8-Channel D/A Converter
CS5368 CIRRUS-CS5368_08 Datasheet
596Kb / 41P
114 dB, 192 kHz, 8-Channel A/D Converter
CS4385A CIRRUS-CS4385A Datasheet
1Mb / 55P
114-dB, 192-kHz 8-Channel D/A Converter
More results




About Cirrus Logic


Cirrus Logic is an American company that specializes in the design and manufacture of high-precision analog and mixed-signal integrated circuits (ICs).
The company was founded in 1984 and is headquartered in Austin, Texas, USA.
Cirrus Logic offers a wide range of products including audio converters, audio codecs, digital signal processors, and other analog and mixed-signal ICs.
The company's products are used in various applications such as consumer electronics, automotive audio systems, and professional audio equipment.
Cirrus Logic is known for its expertise in analog and mixed-signal technology, high-quality products, and innovation in the field of audio and voice processing.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com