Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C37 Datasheet (PDF) - OKI electronic componets

82C37 Datasheet PDF - OKI electronic componets
Part # 82C37
Download  82C37 Download
File Size   301.23 Kbytes
Page   34 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description PROGRAMMABLE DMA CONTROLLER

82C37 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C37 Datasheet PDF - OKI electronic componets

Part # 82C37
Download  82C37 Click to download

File Size   301.23 Kbytes
Page   34 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description PROGRAMMABLE DMA CONTROLLER

82C37 Datasheet (HTML) - OKI electronic componets


82C37 Product details

GENERAL DESCRIPTION

The MSM82C37B-5RS/GS/VJS, DMA (Direct Memory Access) controller is capable of high speed data transfer without CPU intervention and is used as a peripheral device in microcomputer systems. The device features four independent programmable DMA channels. Due to the use of silicon gate CMOS technology, standby current is 10 mA (max.), and power consumption is as low as 10 mA (max.) when a 5 MHz clock is generated. All items of AC characteristics are compatible with intel 8237A-5.



FEATURES

• Maximum operating frequency of 5 MHz (Vcc = 5 V ±10%)

• High-speed operation at very low power consumption due to silicon gate CMOS technology

• Wide operating temperature range from –40°C to +85°C

• 4-channels independent DMA control

• DMA request masking and programming

• DMA request priority function

• DREQ and DACK input/output logic inversion

• DMA address increment/decrement selection

• Memory-to-Memory Transfers

• Channel extension by cascade connection

• DMA transfer termination by EOP input

• Intel 8237A-5 compatibility

• TTL Compatible

• 40-pin Plastic DIP (DIP40-P-600-2.54): (Product name: MSM82C37B-5RS)

• 44-pin Plastic QFJ (QFJ44-P-S650-1.27): (Product name: MSM82C37B-5VJS)

• 44-pin Plastic QFP (QFP44-P-910-0.80-2K): (Product name: MSM82C37B-5GS-2K)




Similar Part No. - 82C37

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
82C37 TOSHIBA-82C37 Datasheet
1Mb / 65P
MULTIMODE DMA CONTROLLER
logo
Intersil Corporation
82C37 INTERSIL-82C37 Datasheet
148Kb / 23P
CMOS High Performance Programmable DMA Controller
March 1997
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
CMOS High Performance Programmable DMA Controller
logo
Unisonic Technologies
82C37 UTC-82C37 Datasheet
430Kb / 20P
VOLTAGE DETECTORS
logo
Intersil Corporation
82C37A INTERSIL-82C37A Datasheet
148Kb / 23P
CMOS High Performance Programmable DMA Controller
March 1997
More results


Similar Description - 82C37

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
IA8237 INNOVASIC-IA8237 Datasheet
50Kb / 4P
Programmable DMA Controller
logo
Intersil Corporation
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
CMOS High Performance Programmable DMA Controller
March 1997
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
CMOS High Performance Programmable DMA Controller
logo
Altera Corporation
M-CAS-C8237 ALTERA-M-CAS-C8237 Datasheet
404Kb / 5P
PROGRAMMABLE DMA CONTROLLER ALTERA CORE
A8237 ALTERA-A8237 Datasheet
269Kb / 22P
PROGRAMMABLE DMA CONTROLLER
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
PROGRAMMABLE DMA CONTROLLER
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com