Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82C37 Datasheet (PDF) - Intersil Corporation

82C37 Datasheet PDF - Intersil Corporation
Part # 82C37
Download  82C37 Download
File Size   148.15 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS High Performance Programmable DMA Controller

82C37 Datasheet (PDF)

Go To PDF Page Download Datasheet
82C37 Datasheet PDF - Intersil Corporation

Part # 82C37
Download  82C37 Click to download

File Size   148.15 Kbytes
Page   23 Pages
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation
Description CMOS High Performance Programmable DMA Controller

82C37 Datasheet (HTML) - Intersil Corporation


82C37 Product details

The 82C37A is an enhanced version of the industry standard 8237A Direct Memory Access (DMA) controller, fabricated using Intersil’s advanced 2 micron CMOS process. Pin compatible with NMOS designs, the 82C37A offers increased functionality, improved performance, and dramatically reduced power consumption. The fully static design permits gated clock operation for even further reduction of power.

Features
• Compatible with the NMOS 8237A
• Four Independent Maskable Channels with Autoinitialization Capability
• Cascadable to any Number of Channels
• High Speed Data Transfers:
    - Up to 4MBytes/sec with 8MHz Clock
    - Up to 6.25MBytes/sec with 12.5MHz Clock
• Memory-to-Memory Transfers
• Static CMOS Design Permits Low Power Operation
    - ICCSB = 10µA Maximum
    - ICCOP = 2mA/MHz Maximum
• Fully TTL/CMOS Compatible
• Internal Registers may be Read from Software
• Pb-Free Plus Anneal Available (RoHS Compliant)




Similar Part No. - 82C37

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
82C37 OKI-82C37 Datasheet
301Kb / 34P
PROGRAMMABLE DMA CONTROLLER
logo
Toshiba Semiconductor
82C37 TOSHIBA-82C37 Datasheet
1Mb / 65P
MULTIMODE DMA CONTROLLER
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
CMOS High Performance Programmable DMA Controller
logo
Unisonic Technologies
82C37 UTC-82C37 Datasheet
430Kb / 20P
VOLTAGE DETECTORS
logo
Intersil Corporation
82C37A INTERSIL-82C37A Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
More results


Similar Description - 82C37

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
82C237 INTERSIL-82C237 Datasheet
158Kb / 25P
CMOS High Performance Programmable DMA Controller
March 1997
HS-82C37ARH INTERSIL-HS-82C37ARH Datasheet
195Kb / 29P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 1995
logo
Harris Corporation
82C37 HARRIS-82C37 Datasheet
204Kb / 23P
CMOS High Performance Programmable DMA Controller
HS-82C37 HARRIS-HS-82C37 Datasheet
253Kb / 28P
Radiation Hardened CMOS High Performance Programmable DMA Controller
logo
Intel Corporation
M8257 INTEL-M8257 Datasheet
360Kb / 7P
PROGRAMMABLE DMA CONTROLLER
logo
NEC
UPD8237A NEC-UPD8237A Datasheet
973Kb / 17P
HIGH-PERFORMANCE PROGRAMMABLE DMA CONTROLLER
logo
Advanced Micro Devices
AM8257 AMD-AM8257 Datasheet
519Kb / 8P
Programmable DMA Controller
logo
NEC
UPD8257 NEC-UPD8257 Datasheet
608Kb / 11P
PROGRAMMABLE DMA CONTROLLER
logo
Intersil Corporation
82C37A INTERSIL-82C37A_06 Datasheet
427Kb / 24P
CMOS High Performance Programmable DMA Controller
March 20, 2006
HS-82C37ARH INTERSIL-HS-82C37ARH_00 Datasheet
268Kb / 21P
Radiation Hardened CMOS High Performance Programmable DMA Controller
August 2000
More results




About Intersil Corporation


Intersil Corporation was an American semiconductor company that specialized in the design and manufacture of high-performance analog and mixed-signal integrated circuits.
The company was founded in 1967 and was known for its expertise in power management, data conversion, and radio frequency (RF) technologies.
Intersil's products were used in a wide range of applications such as consumer electronics, industrial, telecommunications, and aerospace and defense.
In 2016, Intersil was acquired by Renesas Electronics Corporation, a Japanese semiconductor company.
The Intersil brand and technology continue to be developed and sold as part of Renesas' portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com