Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI6C919W Datasheet (PDF) - Pericom Semiconductor Corporation

PI6C919W Datasheet PDF - Pericom Semiconductor Corporation
Part # PI6C919W
Download  PI6C919W Download
File Size   55.49 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V PRECISION CLOCK GENERATOR

PI6C919W Datasheet (PDF)

Go To PDF Page Download Datasheet
PI6C919W Datasheet PDF - Pericom Semiconductor Corporation

Part # PI6C919W
Download  PI6C919W Click to download

File Size   55.49 Kbytes
Page   3 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 3.3V PRECISION CLOCK GENERATOR

PI6C919W Datasheet (HTML) - Pericom Semiconductor Corporation


PI6C919W Product details

Description
The PI6C918 and PI6C919 are high-precision, low-voltage general-purpose clock generators that reach a maximum output frequency of 120 MHz. These devices use an external low-cost crystal to generate very accurate and stable system clocks.
   
Features
• No external capacitors (919 only)
• Excellent signal quality
• Very low jitter
• Precise frequencies
• Minimal undershoot, ringback or overshoot
• Nearly perfect 50% duty cycle
• Four selectable clock frequencies
• Operates at Vcc = 3.3V
• Output may be disabled to save power
• Small 150-mil wide SOIC -8 (W8) package saves board area
   




Similar Part No. - PI6C919W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C9911 PERICOM-PI6C9911 Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
PI6C9911-2J PERICOM-PI6C9911-2J Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
PI6C9911-5IJ PERICOM-PI6C9911-5IJ Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
PI6C9911-5J PERICOM-PI6C9911-5J Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
PI6C9911E-2J PERICOM-PI6C9911E-2J Datasheet
643Kb / 9P
5V High-Speed Programmable Skew Clock Buffers
More results


Similar Description - PI6C919W

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPC980 MOTOROLA-MPC980 Datasheet
138Kb / 7P
DUAL 3.3V PLL CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS843023 ICST-ICS843023 Datasheet
176Kb / 10P
3.3V, 250MHZ LVPECL CLOCK GENERATOR
REV. A NOVEMBER 30, 2004
logo
Integrated Device Techn...
IDT5V9888 IDT-IDT5V9888 Datasheet
340Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885 IDT-IDT5V9885 Datasheet
357Kb / 37P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
logo
Maxim Integrated Produc...
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
logo
Integrated Device Techn...
IDT5V9882T IDT-IDT5V9882T Datasheet
217Kb / 31P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885T IDT-IDT5V9885T Datasheet
543Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CPFGI IDT-IDT5V9885CPFGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
IDT5V9885CNLGI IDT-IDT5V9885CNLGI Datasheet
357Kb / 39P
3.3V EEPROM PROGRAMMABLE CLOCK GENERATOR
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com