Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9210 Datasheet (PDF) - OKI electronic componets

MSM9210 Datasheet PDF - OKI electronic componets
Part # MSM9210
Download  MSM9210 Download
File Size   219.5 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming

MSM9210 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9210 Datasheet PDF - OKI electronic componets

Part # MSM9210
Download  MSM9210 Click to download

File Size   219.5 Kbytes
Page   20 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description 32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming

MSM9210 Datasheet (HTML) - OKI electronic componets


MSM9210 Product details

GENERAL DESCRIPTION
The MSM9210 is a full CMOS controller/driver for Duplex or Triplex (1/2 duty or 1/3 duty) vacuum fluorescent display tube. It consists of a 32-segment driver multiplexed to drive up to 96 segments, and 10-bit digital dimming circuit.
MSM9210 features a selection of a master mode and a slave mode, and therefore it can be used to expand segments for the VFD driver with keyscan and A/D converter function.
MSM9210 provides an interface with a microcontroller only by three signal lines: DATA IN, CLOCK and CS.

FEATURES
• Logic supply voltage (VDD) : 4.5 to 5.5V
• Driver supply voltage (VDISP) : 8 to 18V
• Duplex/Triplex (1/2 duty / 1/3 duty) selectable
    DUP/TRI=1/2 duty selectable at "H" level
    DUP/TRI=1/3 duty selectable at "L" level
• Number of display segments
    Max. 64-segment display (during 1/2 duty mode)
    Max. 96-segment display (during 1/3 duty mode)
• Master/Slave selectable
    M/S=Master mode selectable at "H" level
    M/S=Slave mode selectable at "L" level
• Interface with a microcontroller
    Three lines: CS, CLOCK, and DATA IN
• 32-segment driver outputs : IOH=–5mA at VOH=VDISP–0.8V (SEG1 to 22)
    (can be directly connected to VFD tube : IOH=–10mA at VOH=VDISP–0.8V (SEG23 to 32)
    and require no external resisters) : IOL=500μA at VOL=2V (SEG1 to 32)
• 3-grid pre-driver outputs : IOH=–5.0mA at VOH=VDISP–0.8V
    (require external drivers) IOL=10mA at VOL=2V
• Logic outputs : IOH=–200μA at VOH=VDD–0.8V
                           IOL=200μA at VOL=0.8V
• Built-in digital dimming circuit (10-bit resolution)
• Built-in oscillation circuit (external R and C)
• Built-in Power-On-Reset circuit
• Package options:
    56-pin plastic QFP (QFP56-P-910-0.65-2K) Product name: MSM9210GS-2K
    64-pin plastic QFP (QFP64-P-1414-0.80-BK) Product name: MSM9210GS-BK




Similar Part No. - MSM9210

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9200-XX OKI-MSM9200-XX Datasheet
315Kb / 34P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
MSM9200-XXGS-K OKI-MSM9200-XXGS-K Datasheet
315Kb / 34P
5 X 7 Dot Character X 16-Digit Display Controller/Driver with Character RAM
MSM9201-01 OKI-MSM9201-01 Datasheet
356Kb / 35P
Fluorescent Display Tube Controller Driver
MSM9202-01 OKI-MSM9202-01 Datasheet
345Kb / 33P
5 x 7 Dot Character x 16-Digit Display Controller/Driver with Character RAM
MSM9223 OKI-MSM9223 Datasheet
237Kb / 25P
27-Bit Duplex/Triplex VFD Controller/Driver with Digital Dimming, ADC and Keyscan
More results


Similar Description - MSM9210

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9211 OKI-ML9211 Datasheet
230Kb / 20P
56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9212 OKI-ML9212 Datasheet
251Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
FEDL9212-01 ETC2-FEDL9212-01 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
FEDL9213-01L ETC2-FEDL9213-01L Datasheet
194Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
LAPIS Semiconductor Co....
ML9212 LAPIS-ML9212 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 LAPIS-ML9213 Datasheet
194Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com