Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9213 Datasheet (PDF) - LAPIS Semiconductor Co., Ltd.

ML9213 Datasheet PDF - LAPIS Semiconductor Co., Ltd.
Part # ML9213
Download  ML9213 Download
File Size   194.91 Kbytes
Page   19 Pages
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.
Description 56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver

ML9213 Datasheet (PDF)

Go To PDF Page Download Datasheet
ML9213 Datasheet PDF - LAPIS Semiconductor Co., Ltd.

Part # ML9213
Download  ML9213 Click to download

File Size   194.91 Kbytes
Page   19 Pages
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.
Description 56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver

ML9213 Datasheet (HTML) - LAPIS Semiconductor Co., Ltd.


ML9213 Product details

GENERAL DESCRIPTION
The ML9213 is a full CMOS controller/driver for Duplex or Triplex (1/2 duty or 1/3 duty) vacuum fluorescent display tube. It consists of a 56-segment driver multiplexed to drive up to 168 segments, and 10-bit digital dimming circuit.

FEATURES
• Logic supply voltage (VDD) : 5.0 V ±10%
• Driver supply voltage (VDISP) : 8.0 to 18.0 V
• Duplex/Triplex (1/2 duty / 1/3 duty) selectable
    DUP/TRI = 1/2 duty selectable at “H” level
    DUP/TRI = 1/3 duty selectable at “L” level
• Number of display segments
    112 segments max. (during 1/2 duty mode)
    168 segments max. (during 1/3 duty mode)
• Master/Slave selectable
    M/S = “H” level : Master mode
    M/S = “L” level : Slave mode
• Interface with a microcontroller
    Three lines: CS, CLOCK, and DATA IN
• 56-segment driver outputs : IOH = –5.0 mA at VOH = VDISP–0.8 V (SEG1 to 37)
    (can be directly connected to VFD tube : IOH = –10.0 mA at VOH = VDISP–0.8 V (SEG38 to 56)
    and requires no external resistors) : IOL = 500 μA at VOL = 2.0 V (SEG1 to 56)
• 3-grid pre-driver outputs : IOH = –5.0 mA at VOH = VDISP–0.8 V
    (requires external drivers) IOL = 10.0 mA at VOL = 2.0 V
• Logic outputs : IOH = –200 μA at VOH = VDD–0.8 V
                           IOL = 200 μA at VOL = 0.8 V
• Built-in anode digital dimming circuit (10-bit resolution)
• Built-in oscillation circuit (external resistor and capacitor)
• Built-in Power-On-Reset circuit
• Package options:
    80-pin plastic QFP (QFP80-P-1420-0.80-BK) Product name: ML9213GA
    80-pin plastic QFP (QFP80-P-1414-0.65-K) Product name: ML9213GP




Similar Part No. - ML9213

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
OKI electronic componet...
ML9213GA OKI-ML9213GA Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213GP OKI-ML9213GP Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
More results


Similar Description - ML9213

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9211 OKI-ML9211 Datasheet
230Kb / 20P
56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
MSM9210 OKI-MSM9210 Datasheet
219Kb / 20P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9212 OKI-ML9212 Datasheet
251Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
FEDL9212-01 ETC2-FEDL9212-01 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
FEDL9213-01L ETC2-FEDL9213-01L Datasheet
194Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
LAPIS Semiconductor Co....
ML9212 LAPIS-ML9212 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com