Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9213 Datasheet(PDF) 1 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9213 Datasheet(HTML) 1 Page - LAPIS Semiconductor Co., Ltd.

  ML9213 Datasheet HTML 1Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 2Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 3Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 4Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 5Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 6Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 7Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 8Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
FEDL9213-01
1Semiconductor
This version: Oct. 2001
ML9213
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
1/19
GENERAL DESCRIPTION
The ML9213 is a full CMOS controller/driver for Duplex or Triplex (1/2 duty or 1/3 duty) vacuum fluorescent
display tube. It consists of a 56-segment driver multiplexed to drive up to 168 segments, and 10-bit digital
dimming circuit.
ML9213 features a selection of a master mode and a slave mode, and therefore it can be used to expand segments
for the VFD driver with keyscan and A/D converter function.
ML9213 provides an interface with a microcontroller only by three signal lines: DATA IN, CLOCK and CS.
FEATURES
N Logic supply voltage (V
DD)
: 5.0 V
H10%
N Driver supply voltage (V
DISP)
: 8.0 to 18.0 V
N Duplex/Triplex (1/2 duty / 1/3 duty) selectable
DUP/
TRI = 1/2 duty selectable at “H” level
DUP/
TRI = 1/3 duty selectable at “L” level
N Number of display segments
112 segments max. (during 1/2 duty mode)
168 segments max. (during 1/3 duty mode)
N Master/Slave selectable
M/
S = “H” level
: Master mode
M/
S = “L” level
: Slave mode
N Interface with a microcontroller
Three lines: CS, CLOCK, and DATA IN
N 56-segment driver outputs
: I
OH = –5.0 mA at VOH = VDISP–0.8 V (SEG1 to 37)
(can be directly connected to VFD tube
: I
OH = –10.0 mA at VOH = VDISP–0.8 V (SEG38 to 56)
and requires no external resistors)
: I
OL = 500
2A at V
OL = 2.0 V (SEG1 to 56)
N 3-grid pre-driver outputs
: I
OH = –5.0 mA at VOH = VDISP–0.8 V
(requires external drivers)
I
OL = 10.0 mA at VOL = 2.0 V
N Logic outputs
: I
OH = –200
2A at V
OH = VDD–0.8 V
I
OL = 200
2A at V
OL = 0.8 V
N Built-in anode digital dimming circuit (10-bit resolution)
N Built-in oscillation circuit (external resistor and capacitor)
N Built-in Power-On-Reset circuit
N Package options:
80-pin plastic QFP (QFP80-P-1420-0.80-BK)
Product name: ML9213GA
80-pin plastic QFP (QFP80-P-1414-0.65-K)
Product name: ML9213GP


Similar Part No. - ML9213

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
OKI electronic componet...
ML9213GA OKI-ML9213GA Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213GP OKI-ML9213GP Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
More results

Similar Description - ML9213

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9211 OKI-ML9211 Datasheet
230Kb / 20P
56-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
MSM9210 OKI-MSM9210 Datasheet
219Kb / 20P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9212 OKI-ML9212 Datasheet
251Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 OKI-ML9213 Datasheet
183Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
List of Unclassifed Man...
ML9212 ETC2-ML9212 Datasheet
236Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
ML9213 ETC2-ML9213 Datasheet
209Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
FEDL9212-01 ETC2-FEDL9212-01 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
FEDL9213-01L ETC2-FEDL9213-01L Datasheet
194Kb / 19P
56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver with Anode Digital Dimming
logo
LAPIS Semiconductor Co....
ML9212 LAPIS-ML9212 Datasheet
110Kb / 17P
32-Bit Duplex/Triplex (1/2 duty / 1/3 duty) VF Controller/Driver with Digital Dimming
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com