Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9213 Datasheet(PDF) 13 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9213 Datasheet(HTML) 13 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9213 Datasheet HTML 9Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 10Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
13/19
Slave Mode
Slave Mode is selected when M/
S pin is set at Low level. The slave mode operation is as follows:
N Output from internal anode dimming circuit is ignored. Connect the DIM IN, SYNC IN1 and SYNC IN2 pins to
the master side DIM OUT, SYNC OUT1 and SYNC OUT2 pins respectively.
N The pulse width of SEG1 to 56 is controlled by the pulse width of DIM IN signal.
N The segment data corresponding to GRID1 to 3 is selected by combinations of the SYNC IN1 and SYNC IN2
signals.
N The output levels of GRID1 to 3 are set at High level. The output levels of DIM OUT, SYNC OUT1 and SYNC
OUT2 are set at Low level.
[Correspondence between SYNC IN1, 2 and GRID1 to 3]
[Correspondence between DIM IN and SEG1 to 56]
SYNC IN 1
SYNC IN 2
Segment Latch
GRID
DIM IN
SEG1 to 56
0
0
No
No
0
Low
1
0
Latch1
GRID1
1High
0
1
Latch2
GRID2
Note:
Low: Lights OFF
1
1
Latch3
GRID3
High: Lights ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com