Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ML9213 Datasheet(PDF) 18 Page - LAPIS Semiconductor Co., Ltd.

Part # ML9213
Description  56-Bit Duplex/Triplex (1/2 duty/1/3 duty) VFD Controller/Driver
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LAPIS [LAPIS Semiconductor Co., Ltd.]
Direct Link  http://www.lapis-semi.com/
Logo LAPIS - LAPIS Semiconductor Co., Ltd.

ML9213 Datasheet(HTML) 18 Page - LAPIS Semiconductor Co., Ltd.

Back Button ML9213 Datasheet HTML 11Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 12Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 13Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 14Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 15Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 16Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 17Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 18Page - LAPIS Semiconductor Co., Ltd. ML9213 Datasheet HTML 19Page - LAPIS Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 19 page
background image
FEDL9213-01
1Semiconductor
ML9213
18/19
Notes for Mounting the Surface Mount Type Package
The surface mount type packages are very susceptible to heat in reflow mounting and humidity
absorbed in storage.
Therefore, before you perform reflow mounting, contact Oki’s responsible sales person for the product
name, package name, pin number, package code and desired mounting conditions (reflow method,
temperature and times).
QFP80-P-1414-0.65-K
Mirror finish
Package material
Epoxy resin
Lead frame material
42 alloy
Pin treatment
Solder plating (
≥5µm)
Package weight (g)
0.85 TYP.
5
Rev. No./Last Revised
3/Nov. 28, 1996
(Unit: mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com