Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6382 Datasheet (PDF) - Fitipower Integrated Technology Inc.

FP6382 Datasheet PDF - Fitipower Integrated Technology Inc.
Part # FP6382
Download  FP6382 Download
File Size   981.95 Kbytes
Page   13 Pages
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.
Description Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator

FP6382 Datasheet (PDF)

Go To PDF Page Download Datasheet
FP6382 Datasheet PDF - Fitipower Integrated Technology Inc.

Part # FP6382
Download  FP6382 Click to download

File Size   981.95 Kbytes
Page   13 Pages
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.
Description Dual High Efficiency 1MHz/1.5MHz 1A Synchronous Step Down Regulator

FP6382 Datasheet (HTML) - Fitipower Integrated Technology Inc.




Similar Part No. - FP6382

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
FP6300BB KNIGHTSBRIDGE-FP6300BB Datasheet
325Kb / 1P
13A Switched Fused Spur Unit - Brushed Brass
15/04/2024
FP6300FBB KNIGHTSBRIDGE-FP6300FBB Datasheet
330Kb / 1P
13A Switched Fused Spur Unit with Neon & Flex Outlet - Brushed Brass
15/04/2024
FP6300FGM KNIGHTSBRIDGE-FP6300FGM Datasheet
250Kb / 1P
13A Switched Fused Spur Unit with Neon & Flex Outlet
12/04/2024
FP6300FPB KNIGHTSBRIDGE-FP6300FPB Datasheet
250Kb / 1P
13A Switched Fused Spur Unit with Neon & Flex Outlet
16/04/2024
FP6300FPL KNIGHTSBRIDGE-FP6300FPL Datasheet
249Kb / 1P
13A Switched Fused Spur Unit with Neon & Flex Outlet - Pearl
12/04/2024
More results


Similar Description - FP6382

ManufacturerPart #DatasheetDescription
logo
Global Mixed-mode Techn...
G5728 GMT-G5728 Datasheet
77Kb / 1P
1MHz 1A Synchronous Step-Down Regulator
G5725 GMT-G5725 Datasheet
151Kb / 2P
1MHz 1A Synchronous Step-Down Regulator
logo
Silergy Corp.
SY8009 SILERGY-SY8009 Datasheet
844Kb / 9P
High Efficiency 1.5MHz/1MHz, 1.5A/2A Synchronous Step Down Regulator
SY8088 SILERGY-SY8088 Datasheet
782Kb / 7P
High Efficiency 1.5MHz, 1A Synchronous Step Down Regulator Preliminary Specification
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
1.5MHz, 1A Synchronous Step-Down Regulator
FP6166 FEELING-FP6166 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6168 FEELING-FP6168 Datasheet
319Kb / 12P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
logo
Fitipower Integrated Te...
FP6360 FITIPOWER-FP6360 Datasheet
639Kb / 11P
1.5MHz, 1A, High-Efficiency PWM Synchronous Step-Down Converter
FP6375 FITIPOWER-FP6375 Datasheet
1Mb / 13P
High Efficiency 1MHz 2.5A Synchronous Step Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com