Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6166 Datasheet (PDF) - Feeling Technology Corp.

FP6166 Datasheet PDF - Feeling Technology Corp.
Part # FP6166
Download  FP6166 Download
File Size   473.04 Kbytes
Page   19 Pages
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.
Description Dual 1.5MHz, 1A Synchronous Step-Down Regulator

FP6166 Datasheet (PDF)

Go To PDF Page Download Datasheet
FP6166 Datasheet PDF - Feeling Technology Corp.

Part # FP6166
Download  FP6166 Click to download

File Size   473.04 Kbytes
Page   19 Pages
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.
Description Dual 1.5MHz, 1A Synchronous Step-Down Regulator

FP6166 Datasheet (HTML) - Feeling Technology Corp.




Similar Part No. - FP6166

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6166 FITIPOWER-FP6166 Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
FP6166S5CTR FITIPOWER-FP6166S5CTR Datasheet
697Kb / 11P
600mA Low Noise High PSRR LDO with Shutdown
More results


Similar Description - FP6166

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8056 RICHTEK-RT8056 Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6161 FEELING-FP6161 Datasheet
436Kb / 16P
1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6168 FEELING-FP6168 Datasheet
319Kb / 12P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com