Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT8056 Datasheet (PDF) - Richtek Technology Corporation

RT8056 Datasheet PDF - Richtek Technology Corporation
Part # RT8056
Download  RT8056 Download
File Size   295.97 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual 1A 1.5MHz Synchronous Step-Down Converters

RT8056 Datasheet (PDF)

Go To PDF Page Download Datasheet
RT8056 Datasheet PDF - Richtek Technology Corporation

Part # RT8056
Download  RT8056 Click to download

File Size   295.97 Kbytes
Page   11 Pages
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation
Description Dual 1A 1.5MHz Synchronous Step-Down Converters

RT8056 Datasheet (HTML) - Richtek Technology Corporation


RT8056 Product details

General Description
The RT8056 is a high efficiency synchronous dual stepdown converter. Capable of delivering two independent 1A output current over a wide input voltage range from 2.8V to 5.5V. The RT8056 is ideally suited for portable electronic devices that are powered from 1-cell Li-ion battery or from other power sources such as cellular phones, PDAs and hand-held devices.

Features
● 2.8V to 5.5V Input Voltage Range
● 1.5MHz Fixed Frequency PWM Operation
● 2 x 1A Output Current
● Up to 95% Efficiency
● No Schottky Diode Required
● 0.6V Reference Allows for Low Output Voltage
● Low Dropout Operation : 100% Duty Cycle
● Small 10-Lead WDFN Package
● RoHS Compliant and Halogen Free

Applications
● Portable Instruments
● Microprocessors and DSP Core Supplies
● Cellular Phones
● Wireless and DSL Modems
● PC Cards
● Set Top Box




Similar Part No. - RT8056

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
More results


Similar Description - RT8056

ManufacturerPart #DatasheetDescription
logo
Eutech Microelectronics...
EUP3419 EUTECH-EUP3419 Datasheet
143Kb / 1P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Richtek Technology Corp...
RT8056GQW RICHTEK-RT8056GQW Datasheet
295Kb / 11P
Dual 1A 1.5MHz Synchronous Step-Down Converters
logo
Anpec Electronics Corop...
APW7176 ANPEC-APW7176 Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7176A ANPEC-APW7176A Datasheet
278Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179 ANPEC-APW7179 Datasheet
277Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
APW7179A ANPEC-APW7179A Datasheet
276Kb / 16P
Dual 1.5MHz, 1A Synchronous Step-Down Converter
logo
Analog Microelectronics
AME5251 AME-AME5251 Datasheet
365Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
AME5251A AME-AME5251A Datasheet
354Kb / 19P
Dual 1A, 1.5MHz Synchronous Step-Down Converter
logo
Feeling Technology Corp...
FP6166 FEELING-FP6166 Datasheet
473Kb / 19P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
FP6167 FEELING-FP6167 Datasheet
377Kb / 14P
Dual 1.5MHz, 1A Synchronous Step-Down Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com