Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9225 Datasheet (PDF) - OKI electronic componets

MSM9225 Datasheet PDF - OKI electronic componets
Part # MSM9225
Download  MSM9225 Download
File Size   488.72 Kbytes
Page   74 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CAN (Controller Area Network) Controller

MSM9225 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9225 Datasheet PDF - OKI electronic componets

Part # MSM9225
Download  MSM9225 Click to download

File Size   488.72 Kbytes
Page   74 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CAN (Controller Area Network) Controller

MSM9225 Datasheet (HTML) - OKI electronic componets


MSM9225 Product details

GENERAL DESCRIPTION
The MSM9225 is a microcontroller peripheral LSI which conforms to the CAN protocol for high-speed LANs in automobiles.

FEATURES
• Conforms to CAN protocol specification (Bosch Co., V.2.0 part b/Full CAN)
• Maximum 1 Mbps real-time communication control (programmable)
• Communication system:
    Transmission line is bi-directional, two-wire serial communications
    NRZ (Non-Return to Zero) system using bit stuff function
    Multi-master system
    Broadcast system
• Maximum 16 messages x 8 bytes of message buffer
    Number of messages can be extended by group message function (max: 2 groups)
• Priority control by identifier
    Normally 2032 types, 2032 x 218 types at extension
• Microcontroller interface
    Corresponding to both parallel and serial interface
        Parallel interface: separate address/data bus type (with address latch signal/no address latch signal) and multiplexed address/data bus type.
        Serial interface: Synchronous communication type
    Interrupt is used for three outputs: transmission/receive/error
• Error control:
    Bit error/stuff error/CRC error/form error/acknowledge error detection functions
    Retransmission / error status monitoring function when error occurs
• Communication control by transmission request function
• Sleep/Stop mode function
• Supply voltage: 5 V ±10%
• Operating temperature: -40 to +115˚C
• Package: 44-pin plastic QFP (QFP44-P-910-0.80-2K) (Product name: MSM9225GA-2K)




Similar Part No. - MSM9225

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
MSM9225BGA-2K OKI-MSM9225BGA-2K Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
More results


Similar Description - MSM9225

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
logo
Intel Corporation
82527 INTEL-82527 Datasheet
239Kb / 22P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Texas Instruments
SN65LBC031 TI-SN65LBC031 Datasheet
152Kb / 11P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
OKI electronic componet...
MSM9225B OKI-MSM9225B Datasheet
116Kb / 16P
CAN (Controller Area Network) Controller
logo
Intel Corporation
AN82526 INTEL-AN82526 Datasheet
255Kb / 9P
controller area network chip
logo
National Instruments Co...
777357-01 NI-777357-01 Datasheet
520Kb / 6P
Controller Area Network (CAN) Interfaces
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031 TI1-SN65LBC031_14 Datasheet
831Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com