Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9225B Datasheet (PDF) - OKI electronic componets

MSM9225B Datasheet PDF - OKI electronic componets
Part # MSM9225B
Download  MSM9225B Download
File Size   116.18 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CAN (Controller Area Network) Controller

MSM9225B Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9225B Datasheet PDF - OKI electronic componets

Part # MSM9225B
Download  MSM9225B Click to download

File Size   116.18 Kbytes
Page   16 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description CAN (Controller Area Network) Controller

MSM9225B Datasheet (HTML) - OKI electronic componets


MSM9225B Product details

GENERAL DESCRIPTION
The MSM9225B is a microcontroller peripheral LSI which conforms to the CAN protocol for high-speed LANs in automobiles.

FEATURES
• Conforms to CAN protocol specification (Bosch, V2.0 part B/Active)
• Maximum of 1 Mbps bit rate
• Communication method:
    • Transmission line is bi-directional, two-wire serial communication
    • NRZ (Non-Return to Zero) system using bit stuff function
    • Multi-master system
    • Broadcast system
• Message boxes:
    • Up to 16 message boxes can be used, and messages up to 8 bytes long can be transmitted or received for each message box.
    • Number of received messages can be extended by group message function (up to 2 groups can be set)
    • Overwrite flag is provided
• Priority control by identifier
    • 2032 types in standard format, 2032 × 218 types in extended format
• Microcontroller interface
    • Corresponding to both parallel and serial interface
        Parallel interface: Separate address/data bus type (with address latch signal/no address latch signal) and multiplexed address/data bus type
        Serial interface: Synchronous communication type
    • Three interrupt sources: Transmission/receive/error
• Error control:
    • Bit error/stuff error/CRC error/form error/acknowledgment error detection functions
    • Retransmission/error status monitoring function when error occurs
    • Bit error flag/stuff error flag/CRC error flag/form error flag/acknowledge error flag are provided
• Communication control by remote data request function
• Sleep/Stop mode function
• Supply voltage: 5 V±10%
• Operating temperature: –40 to +125°C
• Package: 44-pin plastic QFP (QFP44-P-910-0.80-2K) (Product name: MSM9225BGA-2K)




Similar Part No. - MSM9225B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
CAN (Controller Area Network) Controller
More results


Similar Description - MSM9225B

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9225 OKI-MSM9225 Datasheet
488Kb / 74P
CAN (Controller Area Network) Controller
logo
Texas Instruments
SN65LBC031Q TI-SN65LBC031Q Datasheet
141Kb / 10P
HIGH-SPEED CONTROLLER AREA NETWORK CAN TRANSCEIVERS
logo
Intel Corporation
82527 INTEL-82527 Datasheet
239Kb / 22P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Texas Instruments
SN65LBC031 TI-SN65LBC031 Datasheet
152Kb / 11P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
logo
Intel Corporation
AN82526 INTEL-AN82526 Datasheet
255Kb / 9P
controller area network chip
logo
National Instruments Co...
777357-01 NI-777357-01 Datasheet
520Kb / 6P
Controller Area Network (CAN) Interfaces
logo
Rochester Electronics
82527 ROCHESTER-82527 Datasheet
1Mb / 23P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Intel Corporation
AN82527F8 INTEL-AN82527F8 Datasheet
242Kb / 22P
SERIAL COMMUNICATIONS CONTROLLER CONTROLLER AREA NETWORK PROTOCOL
logo
Texas Instruments
SN75LBC031D TI1-SN75LBC031D Datasheet
825Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
SN65LBC031 TI1-SN65LBC031_14 Datasheet
831Kb / 17P
HIGH-SPEED CONTROLLER AREA NETWORK (CAN) TRANSCEIVERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com