Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22285 Datasheet (PDF) - Analog Devices

AD22285 Datasheet PDF - Analog Devices
Part # AD22285
Download  AD22285 Download
File Size   196.78 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Axis, High-g, MEMS Accelerometers

AD22285 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD22285 Datasheet PDF - Analog Devices

Part # AD22285
Download  AD22285 Click to download

File Size   196.78 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual-Axis, High-g, MEMS Accelerometers

AD22285 Datasheet (HTML) - Analog Devices


AD22285 Product details

GENERAL DESCRIPTION

The ADXL278 is a low power, complete, dual-axis accelerometer with signal conditioned voltage outputs that are on a single monolithic IC. This product measures acceleration with a full-scale range of (X-axis/Y-axis) ±35 g/±35 g, ±50 g/±50 g, or ±70 g/±35 g (minimum). The ADXL278 can also measure both dynamic acceleration (vibration) and static acceleration (gravity).

The ADXL278 is the fourth-generation surface micromachined iMEMS® accelerometer from ADI with enhanced performance and lower cost. Designed for use in front and side impact airbag applications, this product also provides a complete cost effective solution useful for a wide variety of other applications.



FEATURES

  Complete dual-axis acceleration measurement system on a single monolithic IC

  Available in ±35 g/±35 g, ±50 g/±50 g, or ±70 g/±35 g output full-scale ranges

  Full differential sensor and circuitry for high resistance to EMI/RFI

  Environmentally robust packaging

  Complete mechanical and electrical self-test on digital command

  Output ratiometric to supply

  Sensitive axes in the plane of the chip

  High linearity (0.2% of full scale)

  Frequency response down to dc

  Low noise

  Low power consumption

  Tight sensitivity tolerance and 0 g offset capability

  Largest available prefilter clipping headroom

  400 Hz, 2-pole Bessel filter

  Single-supply operation

  Compatible with Sn/Pb and Pb-free solder processes



APPLICATIONS

  Vibration monitoring and control

  Vehicle collision sensing

  Shock detection



 




Similar Part No. - AD22285

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22280 AD-AD22280 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
AD22280 AD-AD22280 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22280-R2 AD-AD22280-R2 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
AD22280-R2 AD-AD22280-R2 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22281 AD-AD22281 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
More results


Similar Description - AD22285

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV.B
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL204 AD-ADXL204 Datasheet
569Kb / 12P
Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer
REV. A
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
Dual-Axis, High-g, iMEMS Accelerometers
REV. B
logo
Willow Technologies Ltd
CXL10GP3 WILLOW-CXL10GP3 Datasheet
435Kb / 2P
High Performance, 1-Axis and 3-Axis Accelerometers
CXL25GP1 WILLOW-CXL25GP1 Datasheet
435Kb / 2P
High Performance, 1-Axis and 3-Axis Accelerometers
logo
Analog Devices
ADXL356 AD-ADXL356 Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com