Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9831 Datasheet (PDF) - OKI electronic componets

MSM9831 Datasheet PDF - OKI electronic componets
Part # MSM9831
Download  MSM9831 Download
File Size   152.08 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM

MSM9831 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9831 Datasheet PDF - OKI electronic componets

Part # MSM9831
Download  MSM9831 Click to download

File Size   152.08 Kbytes
Page   23 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM

MSM9831 Datasheet (HTML) - OKI electronic componets


MSM9831 Product details

GENERAL DESCRIPTION
MSM9831 is a PCM-based Voice Synthesis LSI (Playback only) with on-chip 384Kbit Mask ROM, D/A Converter and Low-Pass Filter.
Serial input interface for an external MCU makes MSM9831 a better choice for size-critical applications with less wiring pin-count in small foot-print packaging.

FEATURES
• 8-bit OKI Non-Linear PCM Algorithm
• Sampling Frequency (Selectable on each phrase)
    4.0/5.3/6.4/8.0/10.6/12.8/16.0 kHz
• On-chip Mask ROM Capacity : 384 Kbits
• Maximum Playback Time Length
    12.0 sec. at fsam = 4.0 kHz
    6.0 sec. at fsam = 8.0 kHz
    3.0 sec. at fsam = 16.0 kHz
• Clock Oscillation
    3.5 to 4.5 MHz (Ceramic Oscillation)
    3.5 to 17 MHz (External Clock)
• User definable Phrase Control Table function
• Maximum number of Phrases : 31 phrases
• 10-bit current-output-type D/A Converter
• A built-in LPF
• Power Supply Voltage : +2.0 to +5.5 V (External Clock)
                                        +2.5 to +5.5V (Ceramic Oscillation)
• Package:
    8-Pin SOP Package (SOP8-P-250-1.27-K) (Product name: MSM9831-xxx MA)




Similar Part No. - MSM9831

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
Voice Synthesis IC with Built-in Mask ROM
MSM9836 OKI-MSM9836 Datasheet
2Mb / 15P
Voice ROM Evaluation Board for MSM9802/9803/9805/9836
MSM9836-XXX OKI-MSM9836-XXX Datasheet
167Kb / 24P
Voice Synthesis IC with Built-in Mask ROM
More results


Similar Description - MSM9831

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML2201 OKI-ML2201 Datasheet
159Kb / 20P
Speech Synthesizer LSI with on-chip 384K Mask ROM
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
Voice Synthesis IC with Built-in Mask ROM
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
Voice Synthesis IC with Built-in Mask ROM
MSM9844 OKI-MSM9844 Datasheet
216Kb / 32P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
MSM9845 OKI-MSM9845 Datasheet
78Kb / 9P
VOICE SYNTHESIS LSI with on-chip FIFO Memory
ML2213 OKI-ML2213 Datasheet
197Kb / 26P
Speech Synthesizer plus Music LSI with On-Chip 1.5 Mbit Mask ROM
ML2201-XXX OKI-ML2201-XXX Datasheet
159Kb / 20P
Speech Synthesizer LSI with on-chip 384K Mask ROM
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com