Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet (PDF) - OKI electronic componets

MSM9802 Datasheet PDF - OKI electronic componets
Part # MSM9802
Download  MSM9802 Download
File Size   349.66 Kbytes
Page   52 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Voice Synthesis IC with Built-in Mask ROM

MSM9802 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM9802 Datasheet PDF - OKI electronic componets

Part # MSM9802
Download  MSM9802 Click to download

File Size   349.66 Kbytes
Page   52 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Voice Synthesis IC with Built-in Mask ROM

MSM9802 Datasheet (HTML) - OKI electronic componets


MSM9802 Product details

GENERAL DESCRIPTION
The MSM9802/03/05 is a PCM voice synthesis IC with built-in mask ROM.
This IC has two user selectable playback algorithms, OKI Non-linear PCM and straight PCM. It also contains a current mode 10-bit D/A converter and a low-pass filter.
External control has been made easy by the built-in edit ROM that can form sentences by linking phrases. By using Okis Sound Analysis and Editing Tool, ROM data such as Phrase Control Table can be easily set, created, edited, and evaluated.
With the stand-alone mode/microcontroller interface mode switching pin, the MSM9802/03/ 05 can support various applications.

FEATURES

• ROM custom
• 8-bit OKI nonlinear PCM method/8-bit straight PCM method
• Built-in edit ROM
• Random playback function
• Sampling frequency : 4.0 kHz/5.3 kHz/6.4 kHz/8.0 kHz/10.6 kHz/12.8 kHz/ 16.0 kHz
• Maximum number of phrases : 63 (Microcontroller interface mode) 56 (Stand-alone mode)
• Built-in current mode 10-bit D/A converter
• Built-in low-pass filter
• Standby function
• RC oscillation (256 kHz)/ceramic oscillation (4.096 MHz) selectable
• Package options:
    18-pin plastic DIP (DIP18-P-300-2.54) (Product name: MSM9802-xxxRS/MSM9803-xxxRS/MSM9805-xxxRS)
    24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name: MSM9802-xxxGS-K/MSM9803-xxxGS-K/MSM9805-xxxGS-K)
    30-pin plastic SSOP (SSOP30-P-56-0.65-K) (Product name: MSM9802-xxxGS-AK/MSM9803-xxxGSAK/MSM9805-xxxGS-AK)
                                     xxx indicates code number.




Similar Part No. - MSM9802

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9802 OKI-MSM9802 Datasheet
2Mb / 15P
Voice ROM Evaluation Board for MSM9802/9803/9805/9836
More results


Similar Description - MSM9802

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5218 OKI-MSM5218 Datasheet
246Kb / 6P
ADPCM Voice Analysis/Synthesis IC
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
OTP ROM Built-in Voice Synthesis IC
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
MSM9831 OKI-MSM9831 Datasheet
152Kb / 23P
VOICE SYNTHESIS LSI with on-chip 384Kbit MASK ROM
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
Voice Synthesis IC with Built-in Mask ROM
MSM98P05 OKI-MSM98P05 Datasheet
151Kb / 14P
Voice Synthesis IC with Built-in 2-Mbit OTP ROM
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com