Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 6 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 6 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 2Page - OKI electronic componets MSM9802 Datasheet HTML 3Page - OKI electronic componets MSM9802 Datasheet HTML 4Page - OKI electronic componets MSM9802 Datasheet HTML 5Page - OKI electronic componets MSM9802 Datasheet HTML 6Page - OKI electronic componets MSM9802 Datasheet HTML 7Page - OKI electronic componets MSM9802 Datasheet HTML 8Page - OKI electronic componets MSM9802 Datasheet HTML 9Page - OKI electronic componets MSM9802 Datasheet HTML 10Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
6/51
MSM9802/03/05-xxx
¡ Semiconductor
PIN DESCRIPTIONS
Symbol
Type
Description
The IC enters the standby state if this pin is set to "L" level. At this time,
oscillation stops and AOUT drives a current of 0mA and becomes GND
level, then the IC returns to the initial state.
Apply a "L" pulse upon power-on.
This pin has an internal pull-up resistor.
RESET
I
Outputs "L" level while voice is being played back.
At power-on, this pin is at "H" level.
BUSY
O
XT/RC switching pin. Set to "H" level if ceramic oscillation is used.
Set to "L" level if RC oscillation is used.
XT/CR
I
Microcontroller interface/stand-alone mode switching pin.
Set to "L" level if the MSM9802/03/05 is used in stand-alone mode.
CPU/STD
I
Volume setting pin. If this pin is set to GND level, the maximum
current is forced in. If this pin is set to VDD level, the minimum current
is forced in. A pull-down resistor of approx. 10 W is internally
connected to this pin during operation.
VREF
I
Voice output pin.
The voice signals are output as current changes. In standby state, this
pin drives a current of 0 mA and becomes GND level.
AOUT
O
Ground pin.
GND
—
Power supply pin. Insert a bypass capacitor of 0.1 mF or more between
VDD and GND pins.
VDD
—
Ceramic oscillator connection pin when ceramic oscillation is selected.
RC connection pin when RC oscillation is selected.
Input from this pin if external clock is used.
OSC1
I
Ceramic oscillator connection pin when ceramic oscillation is selected.
RC connection pin when RC oscillation is selected.
Leave this pin open if external clock is used.
Outputs "L" level in standby state.
OSC2
O
Leave this pin open when ceramic oscillation is used.
RC connection pin when RC oscillation is selected.
Outputs "H" level in standby state when RC oscillation is selected.
OSC3/TEST
O
Random playback starts if RND pin is set to "L" level.
Fetches addresses from random address generation circuit in the IC at
fall of RND. Set to "H" level when the random playback function is not
used. This pin has internal pull-up resistor.
RND
I
DIP
4
SOP
17
SSOP
21
620
25
518
23
14
7
8
823
29
924
30
722
28
10
1
1
11
2
2
12
3
3
13
5
6
15810
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com