Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 14 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 14 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 10Page - OKI electronic componets MSM9802 Datasheet HTML 11Page - OKI electronic componets MSM9802 Datasheet HTML 12Page - OKI electronic componets MSM9802 Datasheet HTML 13Page - OKI electronic componets MSM9802 Datasheet HTML 14Page - OKI electronic componets MSM9802 Datasheet HTML 15Page - OKI electronic componets MSM9802 Datasheet HTML 16Page - OKI electronic componets MSM9802 Datasheet HTML 17Page - OKI electronic componets MSM9802 Datasheet HTML 18Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 52 page
background image
14/51
MSM9802/03/05-xxx
¡ Semiconductor
FUNCTIONAL DESCRIPTION
1. Playback Code Specification
The user can specify a maximum of 56 phrases. Table 1.1 shows the settings by the A2-A0 and
SW2-SW0 pins.
Table 1.1 User-specified Phrases
A2-A0
Code Details
000
111
Inhibit code
User-specified phrase
(56 phrases)
SW2-SW0
000
001
111
Figure 3.1 SW Input Interface Single-Phrase Playback Timing
A2-A0 (I)
SW2-SW1 (I) "L"
SW0 (I)
BUSY (O)
AOUT (O)
tw(SW)
Oscillation start
tCHA
2. Pull-up/Pull-down Resistor
The RESET and RND pins have internal pull-up resistors and the SW2-SW0 pins have internal
pull-down resistors.
3. Stand-alone Mode
In a stand-alone mode, the SW input interface function and the random playback function can
be used.
3.1 SW input interface
With the SW input interface, speech synthesis starts when the state of the SW2-SW0 pins has
changed. To prevent chattering, the address data is latched 16 ms (tCHA) after the state of SW2-
SW0 has changed. Voice synthesis does not start if the state of the A2-A0 pins has changed. Set
the RND pin to "H" level if the random playback function is not used.
Set the A2-A0 pins to "L" level at power-on or at reset.
The SW input interface is effective when the MSM9802/03/05 is operated using a push-button
switch. Voice synthesis starts when an address is changed by pressing the push-button switch.
If the push-button switch is released during playback, then playback stops after the current
phrase is completed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com