Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 7Page - OKI electronic componets MSM9802 Datasheet HTML 8Page - OKI electronic componets MSM9802 Datasheet HTML 9Page - OKI electronic componets MSM9802 Datasheet HTML 10Page - OKI electronic componets MSM9802 Datasheet HTML 11Page - OKI electronic componets MSM9802 Datasheet HTML 12Page - OKI electronic componets MSM9802 Datasheet HTML 13Page - OKI electronic componets MSM9802 Datasheet HTML 14Page - OKI electronic componets MSM9802 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
11/51
MSM9802/03/05-xxx
¡ Semiconductor
AC Characteristics
Parameter
Symbol
Condition
Unit
Master Clock Duty Cycle
fduty
—50
%
tw(RST)
—µs
Typ.
(VDD=5.0 V, GND=0 V, Ta=–40 to +85°C)
RESET Input Pulse Width
—
Min.
Max.
—
100
—
—
16
—
SW0-SW2 Input Pulse Width
tw(SW)
ms
—
0—
10
—
40
60
tD(RST)
—µs
RESET Input Time After Power-on
—
tw(RAN)
µs
RND Input Pulse Width
—
—
—10
BUSY Output Time
tSBS
µs
—
15
14
16
Chattering Prevention Time 1
tCHA
ms
—
64
60
68
D/A Converter Change Time
tDAR, tDAF
ms
—
250
200
300
Standby Transition Time
tSTB
ms
—
16
15
17
Random Address Fetch Time
tRA
µs
—
—
—16
Chattering Prevention Time 2
tCHB
ms
fSAM=8 kHz
375
350
500
Silence Time Between Phrases
tBLN
µs
—
(note)
(note)
(note)
(note)
(note)
(note)
(note)
(Note) Proportional to master the periods of oscillation frequencies fOSC1 and fOSC2.
The rated values show values when the standard master oscillation frequency is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com