Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 39 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 39 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 35Page - OKI electronic componets MSM9802 Datasheet HTML 36Page - OKI electronic componets MSM9802 Datasheet HTML 37Page - OKI electronic componets MSM9802 Datasheet HTML 38Page - OKI electronic componets MSM9802 Datasheet HTML 39Page - OKI electronic componets MSM9802 Datasheet HTML 40Page - OKI electronic componets MSM9802 Datasheet HTML 41Page - OKI electronic componets MSM9802 Datasheet HTML 42Page - OKI electronic componets MSM9802 Datasheet HTML 43Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 52 page
background image
39/51
MSM9802/03/05-xxx
¡ Semiconductor
Figure 5.1 RC Oscillation
5. RC Oscillation
Figure 5.1 shows an external circuit using RC oscillation. Figure 5.2 shows the RC oscillation
frequency characteristics.
OSC1
OSC2
OSC3
R1
R2
C
10
20
30
40
50
60
70
100
200
300
400
Load Resistance R2 (kW)
VDD=5 V
C=30 pF
VDD=5 V
C=47 pF
150
250
350
450
0
50
500
VDD=3 V
C=47 pF
VDD=3 V
C=30 pF
R1=100 kW
Figure 5.2 RC Oscillation Frequency Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com