Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 41 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 41 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 37Page - OKI electronic componets MSM9802 Datasheet HTML 38Page - OKI electronic componets MSM9802 Datasheet HTML 39Page - OKI electronic componets MSM9802 Datasheet HTML 40Page - OKI electronic componets MSM9802 Datasheet HTML 41Page - OKI electronic componets MSM9802 Datasheet HTML 42Page - OKI electronic componets MSM9802 Datasheet HTML 43Page - OKI electronic componets MSM9802 Datasheet HTML 44Page - OKI electronic componets MSM9802 Datasheet HTML 45Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 52 page
background image
41/51
MSM9802/03/05-xxx
¡ Semiconductor
For example, the following table shows the optimum load capacitances, power supply voltage
ranges, and operating temperature ranges when ceramic oscillators made by Murata MFG Co.,
Ltd., Kyocera Co., Ltd. and TDK Co., Ltd. are used.
Maker
Frequency
(MHz)
CSA4.09MGU
Type
Operating
temperature range
(°C)
supply voltage range
(V)
C1 (pF)
C2 (pF)
Optimal load capacity
Ceramic oscillator
4.096
–40 to +85
3.0 to 5.5
CST4.09MGWU
CSTCC4.00MG
3.6 to 5.5
CSTCC4.00MGU
4.0
2.7 to 5.5
PBRC4.00A
4.0
–20 to +80
3.1 to 5.5
KBR-4.0MSB
PBRC4.00B
KBR-4.0MKC
CCR4.00MC3
4.0
–40 to +85
2.4 to 5.5
Built in
Built in
15
15
33
33
Built in
Built in
Built in
Built in
30
30
(Note)
When a 4 MHz ceramic oscillator is used, the playback speed of MSM9802/03/05 is
slower by 2 percent than that of an analysis tool or a demonstration board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com