Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 42 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 42 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 38Page - OKI electronic componets MSM9802 Datasheet HTML 39Page - OKI electronic componets MSM9802 Datasheet HTML 40Page - OKI electronic componets MSM9802 Datasheet HTML 41Page - OKI electronic componets MSM9802 Datasheet HTML 42Page - OKI electronic componets MSM9802 Datasheet HTML 43Page - OKI electronic componets MSM9802 Datasheet HTML 44Page - OKI electronic componets MSM9802 Datasheet HTML 45Page - OKI electronic componets MSM9802 Datasheet HTML 46Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 52 page
background image
42/51
MSM9802/03/05-xxx
¡ Semiconductor
7. Low-Pass Filter
In this IC, all voice outputs are through the built-in low-pass filter (LPF). Figure 7.1 and Table
7.2 show the LPF frequency characteristics and LPF cutoff frequency respectively.
Only the voice output through LPF is enabled in this IC.
0
–20
–40
–60
[dB]
100
1k
10k
–10
10
–30
–50
–80
–70
20
[Hz]
10
Figure. 7.1 LPF Frequency Characteristics (fSAM=8 kHz)
Table 7.2 LPF Cutoff Frequency
Sampling Frequency (kHz)
Cutoff Frequency (kHz)
(fSAM)
(fCUT)
1.2
1.6
4.0
5.3
2.0
6.4
2.5
8.0
3.2
10.6
4.0
12.8
5.0
16.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com