Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 46 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 46 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 42Page - OKI electronic componets MSM9802 Datasheet HTML 43Page - OKI electronic componets MSM9802 Datasheet HTML 44Page - OKI electronic componets MSM9802 Datasheet HTML 45Page - OKI electronic componets MSM9802 Datasheet HTML 46Page - OKI electronic componets MSM9802 Datasheet HTML 47Page - OKI electronic componets MSM9802 Datasheet HTML 48Page - OKI electronic componets MSM9802 Datasheet HTML 49Page - OKI electronic componets MSM9802 Datasheet HTML 50Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
46/51
MSM9802/03/05-xxx
¡ Semiconductor
PAD CONFIGURATION
MSM9802
Pad Layout
Chip size
: X=3.22mm Y=3.17mm
Chip thickness
: 350
µm ± 30µm
Pad size
: 110
µm ¥ 110µm
Substrate potential
: GND
3
2
1
18
17
16
15
4
5
(NC)
6
7
8
9
10 11
12
14
13
Y-axis
X-axis
Pad Coordinates
(Chip center is located at X=0 and Y=0)
Pad No.
Pad Name
X-axis
Y-axis
Pad No.
Pad Name
X-axis
Y-axis
1
I3/ (A0)
–415
1385
10
VDD
462
–1347
2
I4/ (A1)
–816
1385
11
OSC1
742
–1333
3
I5/ (A2)
–1460
1385
12
OSC2
1349
–1333
4
RESET
–1460
1049
13
OSC3
1460
–972
5
XT/CR
–1458
–20
14
CPU/STD
1389
183
6
NAR
–1460
–899
15
ST/(RND)
1389
1058
7
GND
–1460
–1375
16
I0/(SW0)
1389
1385
8VREF
–1135
–1333
17
I1/(SW1)
719
1385
9
AOUT
–585
–1333
18
I2/(SW2)
276
1385
(Unit: µm)
Pad name in parentheses is for stand-alone mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com