Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 9 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 9 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 5Page - OKI electronic componets MSM9802 Datasheet HTML 6Page - OKI electronic componets MSM9802 Datasheet HTML 7Page - OKI electronic componets MSM9802 Datasheet HTML 8Page - OKI electronic componets MSM9802 Datasheet HTML 9Page - OKI electronic componets MSM9802 Datasheet HTML 10Page - OKI electronic componets MSM9802 Datasheet HTML 11Page - OKI electronic componets MSM9802 Datasheet HTML 12Page - OKI electronic componets MSM9802 Datasheet HTML 13Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 52 page
background image
9/51
MSM9802/03/05-xxx
¡ Semiconductor
ELECTRICAL CHARACTERISTICS
DC Characteristics
*1 Applicable to SW0-SW2
*2 Applicable to RESET, RND
*3 Dynamic supply current (excluding DAC output current)
*4 Dynamic supply current at maximum output current
Parameter
Symbol
Condition
Unit
"H" Input Voltage
VIH
——
V
VIL
—V
Typ.
(VDD=5.0 V, GND=0 V, Ta=–40 to +85°C, unless otherwise specified)
"L" Input Voltage
—
Min.
Max.
—
—
0.4
—
—10
"H" Input Current 1
IIH1
µA
VIH=VDD
4.6
—
—
0.8
4.2
—
VOH
—V
"H" Output Voltage
IOH=–1 mA
VOL
V
"L" Output Voltage
IOL=2 mA
90
30
200
"H" Input Current 2
IIH2
µA
Internal pull-down resistor
—
–10
—
"L" Input Current 1
IIL1
µA
VIL=GND
–90
–200
–30
"L" Input Current 2
IIL2
µA
Internal pull-up resistor
0.4
—1
Dynamic Supply Current 1
IDD1
mA
VREF=VDD,
AOUT bias voltage=0V
—
—10
µA
Ta=–40 to +70°C
*1
*2
10
713
VREF Pin Pull-down Resistance
RVREF
kW
—
—
—50
Standby Current
IDS
µA
Ta=70 to 85°C
9.5
615
AOUT Output Current
IAOUT
mA
At maximum output current,
VREF=GND,
AOUT bias voltage=0V
—
—15
"H" Input Current 3
IIH3
µA
Applies to OSC1 pin only.
VIH=VDD
*3
—
—16
Dynamic Supply Current 2
IDD2
mA
At maximum output current
VREF=GND,
AOUT bias voltage=0V
*4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com