Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 40 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 40 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 36Page - OKI electronic componets MSM9802 Datasheet HTML 37Page - OKI electronic componets MSM9802 Datasheet HTML 38Page - OKI electronic componets MSM9802 Datasheet HTML 39Page - OKI electronic componets MSM9802 Datasheet HTML 40Page - OKI electronic componets MSM9802 Datasheet HTML 41Page - OKI electronic componets MSM9802 Datasheet HTML 42Page - OKI electronic componets MSM9802 Datasheet HTML 43Page - OKI electronic componets MSM9802 Datasheet HTML 44Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 52 page
background image
40/51
MSM9802/03/05-xxx
¡ Semiconductor
5.1 Determining RC constants
The RC oscillation frequency characteristics are shown in Figure 5.2. If fosc is set to 256 kHz, use
the following values as a guide (see Figure 5.2) to set the C and R2 that fit the printed-circuit board
type used.
R1=100 kW, R2=30 kW, C=30 pF
When choosing RC oscillation, the RC oscillation frequency varies according to the fluctuation
of the external C and R2.
5.2 Fluctuation of RC oscillation frequencies
When choosing RC oscillation, the error of RC oscillation frequency due to process variations of
the IC is
±4% maximum, and the fluctuation of the RC oscillation frequency when using a
capacitor (C) of
±1% accuracy and a resistor (R2) of ±2% accuracy is a maximum of ±7%
approximately.
6. Ceramic Oscillation
Figure 6.1 shows an external circuit using a ceramic oscillator.
OSC1
OSC2
C1
C2
Figure 6.1 Ceramic Oscillation Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com