Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 35 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 35 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 31Page - OKI electronic componets MSM9802 Datasheet HTML 32Page - OKI electronic componets MSM9802 Datasheet HTML 33Page - OKI electronic componets MSM9802 Datasheet HTML 34Page - OKI electronic componets MSM9802 Datasheet HTML 35Page - OKI electronic componets MSM9802 Datasheet HTML 36Page - OKI electronic componets MSM9802 Datasheet HTML 37Page - OKI electronic componets MSM9802 Datasheet HTML 38Page - OKI electronic componets MSM9802 Datasheet HTML 39Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
35/51
MSM9802/03/05-xxx
¡ Semiconductor
(3) Common
1. Sampling Frequency
As shown in Table 1.1, 7 sampling frequencies are available.
A sampling frequency can be selected and assigned to each phrase in ROM data.
Table 1.1 Sampling Frequency
Note: When RC oscillation is selected, 10.6 kHz, 12.8 kHz, and 16 kHz cannot be selected.
2. Recording/Playback Time
Figure 2.1 below shows memory allocation of the on-chip Mask ROM. About 11 Kbits of data area
is allocated for the Phrase Control Table, Phrase Data Control and Test Data.
Therefore, actual data area for storing sound data equals the total Mask ROM capacity minus 11
Kbits.
16.0 kHz
fOSC1/256
Unavailable
12.8 kHz
fOSC1/320
Unavailable
10.6 kHz
fOSC1/384
Unavailable
8.0 kHz
fOSC1/512
fOSC2/32
6.4 kHz
fOSC1/640
fOSC2/40
5.3 kHz
fOSC1/768
fOSC2/48
4.0 kHz
fOSC1/1024
fOSC2/64
Sampling Frequency
At standard
oscillation frequency
XT/CR="H"
Ceramic Oscillation
XT/CR="L"
CR Oscillation
Frequency diving ratio
Phrase Control Table Area
Pharase Data Control Area
Test Data Area
User's Area
4K bit
4K bit
3K bit
501K bit (MSM9802)
1013K bit (MSM9803)
2037K bit (MSM9805)
On-chip Mask ROM Capacity
512K bit (MSM9802)
1M bit (MSM9803)
2M bit (MSM9805)
Figure 2.1 Memory Allocation of On-chip Mask ROM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com