Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 36 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 36 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 32Page - OKI electronic componets MSM9802 Datasheet HTML 33Page - OKI electronic componets MSM9802 Datasheet HTML 34Page - OKI electronic componets MSM9802 Datasheet HTML 35Page - OKI electronic componets MSM9802 Datasheet HTML 36Page - OKI electronic componets MSM9802 Datasheet HTML 37Page - OKI electronic componets MSM9802 Datasheet HTML 38Page - OKI electronic componets MSM9802 Datasheet HTML 39Page - OKI electronic componets MSM9802 Datasheet HTML 40Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 52 page
background image
36/51
MSM9802/03/05-xxx
¡ Semiconductor
3. Playback Method
This IC provides two kinds of playback methods, non-linear PCM algorithm and straight PCM
algorithm. When the 8-bit non-linear PCM algorithm is selected, sound quality can be improved
because a resolution equivalent to 10-bit straight PCM is available around the waveform center.
You can select either non-linear PCM algorithm or straight PCM algorithm for each phrase. Table
3.1 shows the relationship between playback methods and applicable sounds. It is recom-
mended to evaluate the sound quality before actual use.
Table 3.1 Relationship between playback methods and applicable sounds
The playback time is obtained by dividing the memory capacity by the bit rate.
The playback time for 8-bit PCM algorithm is obrained by using the following equation.
Memory capacity [bit]
Bit rate [bps]
Memory capacity [bit]
Sampling frequency [Hz] ¥ 8 [bit]
Playback time [sec] =
=
(512–11) ¥ 1024 [bit]
8000 [Hz] ¥ 8 [bit]
Playback time =
= 8.0 [sec]
For example, if all phrases are stored in the MSM9802 at 8 kHz sampling frequency, the
maximum playback time is as follows.
Table 2.1 Maximum playback time
Playback method
Applicable sound
8-bit non-linear PCM algorithm Human voice
8-bit straight PCM algorithm
BEEP tone, sound effects
fSAM=16.0kHz
4.0
8.1
16.2
fSAM=8.0kHz
8.0
16.2
32.5
fSAM=6.4kHz
10.0
20.2
40.7
fSAM=4.0kHz
16.0
32.4
65.1
User's area
501K bit
1013K bit
2037K bit
ROM capacity
512K bit
1M bit
2M bit
Maximum playback time (sec)
Model
MSM9802
MSM9803
MSM9805



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com