Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 24 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 24 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 20Page - OKI electronic componets MSM9802 Datasheet HTML 21Page - OKI electronic componets MSM9802 Datasheet HTML 22Page - OKI electronic componets MSM9802 Datasheet HTML 23Page - OKI electronic componets MSM9802 Datasheet HTML 24Page - OKI electronic componets MSM9802 Datasheet HTML 25Page - OKI electronic componets MSM9802 Datasheet HTML 26Page - OKI electronic componets MSM9802 Datasheet HTML 27Page - OKI electronic componets MSM9802 Datasheet HTML 28Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 52 page
background image
24/51
MSM9802/03/05-xxx
¡ Semiconductor
PIN DESCRIPTIONS
Symbol
Type
Description
The IC enters the standby state if this pin is set to "L" level. At this time,
oscillation stops and AOUT drives a current of 0 mA and becomes GND
level, then the IC returns to the initial state.
Apply a "L" pulse upon power-on.
This pin has an internal pull-up resistor.
RESET
I
Signal output pin that indicates whether the 6-bit LATCH (see Block
Diagram) is idle. NAR at "H" level indicates that the LATCH is empty
and ST input is enabled.
NAR
O
XT/RC switching pin. Set to "H" level if ceramic oscillation is used.
Set to "L" level if RC oscillation is used.
XT/CR
I
Microcontroller interface/stand-alone mode switching pin. Set to "H"
level if the MSM9802/03/05 is used in microcontroller interface mode.
CPU/STD
I
Volume setting pin. If this pin is set to GND level, the maximum
current is forced in, and if set to VDD level, the minimum current is
forced in. An approx. 10 kW pull-down resistor is internally connected
to this pin during operation.
VREF
I
Voice output pin.
The voice signals are output as current changes. In standby state, this
pin drives a current of 0 mA and becomes GND level.
AOUT
O
Ground pin.
GND
—
Power supply pin. Insert a bypass capacitor of 0.1 mF or more between
this pin and the GND pin.
VDD
—
Ceramic oscillator connection pin when ceramic oscillation is selected.
RC connection pin when RC oscillation is selected.
Input from this pin if external clock is used.
OSC1
I
Ceramic oscillator connection pin when ceramic oscillation is selected.
RC connection pin when RC oscillation is selected.
Leave this pin open if external clock is used.
Outputs "L" level in standby state.
OSC2
O
Leave this pin open when ceramic oscillation is used.
RC connection pin when RC oscillation is selected.
Outputs "H" level in standby state when RC oscillation is selected.
OSC3/TEST
O
Voice synthesis starts at fall of ST, and addresses I0 to I5 are fetched
at rise of ST. Input ST when NAR, the status signal, is at "H" level.
This pin has internal pull-up resistor.
ST
I
Phrase input pins corresponding to playback sound.
I0 - I5
I
DIP
SOP SSOP
417
21
620
25
518
23
14
7
8
823
29
924
30
722
28
10
1
1
11
2
2
12
3
3
13
5
6
15810
16-18
1-3
10-15 13-18
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com