Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 15 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 15 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 11Page - OKI electronic componets MSM9802 Datasheet HTML 12Page - OKI electronic componets MSM9802 Datasheet HTML 13Page - OKI electronic componets MSM9802 Datasheet HTML 14Page - OKI electronic componets MSM9802 Datasheet HTML 15Page - OKI electronic componets MSM9802 Datasheet HTML 16Page - OKI electronic componets MSM9802 Datasheet HTML 17Page - OKI electronic componets MSM9802 Datasheet HTML 18Page - OKI electronic componets MSM9802 Datasheet HTML 19Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 52 page
background image
15/51
MSM9802/03/05-xxx
¡ Semiconductor
If playback is attempted at an unused address in the phrases, AOUT goes to 1/2 IAOUT and
playback does not occur. Figure 3.2 shows the timing.
Figure 3.2 Timing when Playback is Attempted at an Unused Phrase Address
In the SW input interface, no phrase is triggered when SW2 to SW0 are all set to "0". Therefore,
when the circuit consists of a diode matrices that use push-button switches, the maximum
playback phrases are 56 phrases.
A2-A0 (I)
SW2-SW1 (I) "L"
SW0 (I)
BUSY (O)
AOUT (O)
Oscillation start
3.2 Random playback function
The random playback function randomly generates 15 different addresses corresponding to the
four bits of the addresses of A0 and SW2-SW0 (except ALL "L") on the IC, after which playback
commences.
Therefore, any input to A0 and SW2 to SW0 pins from external control is invalid. Hold these 4
pins either "H" or "L" level. SW2 to SW0 pins may be held open as they have internal pull-down
resistor.
Playback may not occur if all the 15 addresses have not been assigned a phrase. Care must be
taken when creating ROM data.
For example, when four phrases, "sunny", "rainy", "cloudy", and "snowy", are to be played
randomly, set the phrases as shown in Table 3.1 in which a phrase is assigned to all the 15
addresses. The four phrases are then played back at random as shown below.
000
001
002
111
A2-A0
8 codes
¥
¥
(000)
001
002
111
SW2-SW0
7 codes
= 56 Phrases
= 56
Code Prohibited



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com