Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 33 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 33 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 29Page - OKI electronic componets MSM9802 Datasheet HTML 30Page - OKI electronic componets MSM9802 Datasheet HTML 31Page - OKI electronic componets MSM9802 Datasheet HTML 32Page - OKI electronic componets MSM9802 Datasheet HTML 33Page - OKI electronic componets MSM9802 Datasheet HTML 34Page - OKI electronic componets MSM9802 Datasheet HTML 35Page - OKI electronic componets MSM9802 Datasheet HTML 36Page - OKI electronic componets MSM9802 Datasheet HTML 37Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
33/51
MSM9802/03/05-xxx
¡ Semiconductor
4. Generating Pseudo-BUSY Signal through NAR Pin
If the application in use requires a BUSY signal when this IC is used in microcontroller interface
mode, a pseudo-BUSY signal can be generated through the NAR pin by controlling signal timing,
as shown below.
4.1 When edit ROM is not used
I5-I0
ST
NAR
(Pseudo-BUSY)
AOUT
tDAR
Phrase 1
01 (Phrase 1)
02 (Phrase 2)
03 (Phrase 3)
04 (Silence phrase of 32 ms or more)
30ms or more
30ms or more
30ms or more
tNAB
tNAB
tNAB
Phrase 2
Phrase 3
tDAF
tSTB
Silence
phrase
4.2 When edit ROM is used
I5-I0
ST
NAR
(Pseudo-BUSY)
AOUT
tDAR
Phrase 1
01
(Phrases 1+2+3)
02 (Silence phrase of 32 ms or more)
30ms or more
tBLN
tNAB
Phrase 2
tDAF
tSTB
Silence
phrase
tBLN
Phrase 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com