Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 37 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 37 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 33Page - OKI electronic componets MSM9802 Datasheet HTML 34Page - OKI electronic componets MSM9802 Datasheet HTML 35Page - OKI electronic componets MSM9802 Datasheet HTML 36Page - OKI electronic componets MSM9802 Datasheet HTML 37Page - OKI electronic componets MSM9802 Datasheet HTML 38Page - OKI electronic componets MSM9802 Datasheet HTML 39Page - OKI electronic componets MSM9802 Datasheet HTML 40Page - OKI electronic componets MSM9802 Datasheet HTML 41Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
37/51
MSM9802/03/05-xxx
¡ Semiconductor
4. Phrase Control Table
Because the LSI contains the Phrase Control Table, it is possible to play back multiple phrases in
succession by a single easy control operation like controlling a single regular phrase playback.
Up to 8 combined phrases including a silence can be registered in a single address in the Phrase
Control Table.
Further, you can use the maximum memory space for data storage because it is not required to
have the same phrase data.
To show an example, let's assume that your application needs to speak two similar sentences, "It
is fine today" and "It is rainy today." The two sentences have the common words "it", "is" and
"today". What you have to do is to prepare these common sound data, not in sentences but in
words, and to store each combined phrase data in Phrase Control Table as shown in Table 4.1 and
Figure 4.1
Multiple phrases can be played continuously merely by specifying a desired phrase using an X
address. For an example from Table 4.1, when address "01" is specified, "It is fine today" is played,
and when address"02" is specified, "It is rainy" is played.
Phrase Control Table, a silence can be inserted without using the User's Area.
Minimum time for silence
32 ms
Maximum time for silence
2016 ms
Time unit for setting up silence
32 ms
Table 4.1 Matrix of the Phrase Control Table
No.
X-Address
(HEX)
Y-Address
(Up to 8 phrases)
Sound Data
101
202
303
62
3E
63
3F
[10]
Silence
[02]
[01]
[03]
[12]
Silence
[02]
[01]
[03]
[21]
[10]
[02]
[01]
[11] [12] [22] [03]
It is (silence) fine today.
It is (silence) rainy today.
It is fine becoming cloudy, rainy in some areas today.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com