Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM9802 Datasheet(PDF) 17 Page - OKI electronic componets

Part # MSM9802
Description  Voice Synthesis IC with Built-in Mask ROM
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM9802 Datasheet(HTML) 17 Page - OKI electronic componets

Back Button MSM9802 Datasheet HTML 13Page - OKI electronic componets MSM9802 Datasheet HTML 14Page - OKI electronic componets MSM9802 Datasheet HTML 15Page - OKI electronic componets MSM9802 Datasheet HTML 16Page - OKI electronic componets MSM9802 Datasheet HTML 17Page - OKI electronic componets MSM9802 Datasheet HTML 18Page - OKI electronic componets MSM9802 Datasheet HTML 19Page - OKI electronic componets MSM9802 Datasheet HTML 20Page - OKI electronic componets MSM9802 Datasheet HTML 21Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 52 page
background image
17/51
MSM9802/03/05-xxx
¡ Semiconductor
A2, A1
A0, SW2 to SW0
Phrase (Sample)
00
0001
0010
0011
0100
1111
Hit
Hit
Hit
Out
Out
01
0001
0010
0011
0100
1111
Hit
Out
Out
Out
Out
10
0001
0010
0011
0100
1111
White
Black
Red
Blue
Green
11
0001
1111
Table 3.2 Random Playback Address
For a random address, 15 phrases can be set for each logical condition of addresses A2 and A1
(i.e., "00", "01", "10", and "11").
In random playback, the four logic states ("000000", "010000", "100000" and "110000") in user-
specified phrases cannot be used. Take it into consideration when creating ROM data.
A random address is set by the "H" level time of the RND pin, so if the same pulse width is input
by microcontroller, the random address fixed time becomes constant, and a random phrase may
not be played under these conditions. The random address fixed time must be inconsistent in
order to produce random playback.
Figure 3.4 Timing when a Pulse is Input to the RND Pin During Random Playback
RND (I)
BUSY (O)
Invalid pulse
Pulse input during this time period is invalid
AOUT (O)
Oscillation start



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com