Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSM98P05 Datasheet (PDF) - OKI electronic componets

MSM98P05 Datasheet PDF - OKI electronic componets
Part # MSM98P05
Download  MSM98P05 Download
File Size   151.29 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Voice Synthesis IC with Built-in 2-Mbit OTP ROM

MSM98P05 Datasheet (PDF)

Go To PDF Page Download Datasheet
MSM98P05 Datasheet PDF - OKI electronic componets

Part # MSM98P05
Download  MSM98P05 Click to download

File Size   151.29 Kbytes
Page   14 Pages
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets
Description Voice Synthesis IC with Built-in 2-Mbit OTP ROM

MSM98P05 Datasheet (HTML) - OKI electronic componets


MSM98P05 Product details

GENERAL DESCRIPTION
The MSM98P05 is a PCM-based voice synthesis IC with built-in 2-Mbit OTP (One Time PROM).
This IC employs OKI nonlinear PCM algorithm and straight PCM algorithm for playback and contains a current mode 10-bit D/A converter and a low-pass filter.
External control can be made easily by the built-in edit ROM that can form sentences by linking phrases. With OKI Voice Analyzing/Editing Tool, the built-in edit ROM can be set up and also the built-in ROM data can be created and evaluated easily.
With the stand-alone mode/microcontroller interface mode switching pin, the MSM98P05 can support various applications.

FEATURES
• 8-bit OKI nonlinear PCM algorithm and 8-bit straight PCM algorithm
• Built-in edit ROM
• Random playback function
• Sampling frequency : 4.0 kHz/5.3 kHz/6.4 kHz/8.0 kHz/10.6 kHz/12.8 kHz/16.0 kHz
                       Note: If RC oscillation is selected, 10.6 kHz, 12.8 kHz, and 16.0 kHz cannot be selected.
• Maximum number of phrases : 63 (Microcontroller interface mode)
                              56 (Stand-alone mode)
• Built-in current mode 10-bit D/A converter
• Built-in low-pass filter (LPF)
• Standby function
• RC oscillation (256 kHz)/ceramic oscillation (4.096 MHz) selectable
• Package options:
    20-pin plastic DIP (DIP20-P-300-2.54-W1) (Product name : MSM98P05RS)
    24-pin plastic SOP (SOP24-P-430-1.27-K) (Product name : MSM98P05GS-K)




Similar Part No. - MSM98P05

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM9800 OKI-MSM9800 Datasheet
2Mb / 15P
Voice ROM Evaluation Board for MSM9802/9803/9805/9836
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
Voice Synthesis IC with Built-in Mask ROM
MSM9802 OKI-MSM9802 Datasheet
2Mb / 15P
Voice ROM Evaluation Board for MSM9802/9803/9805/9836
MSM9803 OKI-MSM9803 Datasheet
349Kb / 52P
Voice Synthesis IC with Built-in Mask ROM
MSM9803 OKI-MSM9803 Datasheet
2Mb / 15P
Voice ROM Evaluation Board for MSM9802/9803/9805/9836
More results


Similar Description - MSM98P05

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6378A OKI-MSM6378A Datasheet
329Kb / 12P
OTP ROM Built-in Voice Synthesis IC
MSM6596A OKI-MSM6596A Datasheet
170Kb / 13P
2-Mbit Serial Voice ROM
MSM6652 OKI-MSM6652 Datasheet
452Kb / 45P
Internal Mask ROM Voice Synthesis IC, Internal One-Time-Programmable OTP ROM Voice Synthesis IC, External ROM Drive Voice Synthesis IC
MSM9802 OKI-MSM9802 Datasheet
349Kb / 52P
Voice Synthesis IC with Built-in Mask ROM
MSM9836 OKI-MSM9836 Datasheet
167Kb / 24P
Voice Synthesis IC with Built-in Mask ROM
MSM6585 OKI-MSM6585 Datasheet
275Kb / 16P
ADPCM Voice Synthesis IC
logo
Aplus Intergrated Circu...
P89021 APLUS-P89021 Datasheet
236Kb / 18P
VOICE OTP IC
P89042 APLUS-P89042 Datasheet
245Kb / 19P
VOICE OTP IC
P89085 APLUS-P89085 Datasheet
359Kb / 24P
VOICE OTP IC
P89170 APLUS-P89170 Datasheet
359Kb / 24P
VOICE OTP IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com