Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7004 Datasheet (PDF) - Anpec Electronics Coropration

APW7004 Datasheet PDF - Anpec Electronics Coropration
Part # APW7004
Download  APW7004 Download
File Size   100.08 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous-Rectifier PWM Controller for Pentium II Microprocessor

APW7004 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7004 Datasheet PDF - Anpec Electronics Coropration

Part # APW7004
Download  APW7004 Click to download

File Size   100.08 Kbytes
Page   10 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description Synchronous-Rectifier PWM Controller for Pentium II Microprocessor

APW7004 Datasheet (HTML) - Anpec Electronics Coropration


APW7004 Product details

General Description
The APW7004 provides a complete control and multiple protection for a DC-DC converter optimized for high performance microprocessor applications. It is designed to drive two N-Channel MOSFETs in a synchronous-rectified buck topology. The APW7004 integrates output voltage control, output voltage programming, monitoring and protection functions into a single chip IC.

Features
• Simple Single-Loop Control Design-Voltage Mode PWM Control
• Fast Transient Response
    • High-Bandwidth Error Amplifier
• 5-Bit Digital-to-Analog Output Voltage Selection
    • Wide Range from1.3VDC to 3.5VDC
    • 0.1V Binary Steps from 2.1VDC to 3.5VDC
      .05V Binary Steps from 1.3VDC to 2.05 VDC
• VID0-4 Input Pins with Pull High Resistors Built in
• Power-Good Output Voltage Monitor, PGOOD Pin with an Open Collector Configuration
• Over-Voltage and Over-Current Fault Monitors
    • Uses MOSFET’s RDS(ON) as Current Sensing, No Extra Element Required
• Programmable Switching Frequency Setting
    • 200kHz Free-Running Oscillator

Applications
• Power Supply for Pentium TM, Pentium ProTM, Pentium TM II,PowerPC TM, K6 TM , 6´86TM and AlphaTM Microprocessors
• High-Power 5V to 3.xV (or below) DC-DC Regulators
• Low-Voltage Distributed Power Supplies




Similar Part No. - APW7004

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7000QAI-TRG ANPEC-APW7000QAI-TRG Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7001 ANPEC-APW7001 Datasheet
311Kb / 19P
1X/1.5X/2X Charge Pump White LED Driver for Main and Sub-Displays
APW7001QAI-TRG ANPEC-APW7001QAI-TRG Datasheet
311Kb / 19P
1X/1.5X/2X Charge Pump White LED Driver for Main and Sub-Displays
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
More results


Similar Description - APW7004

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3152 AD-ADP3152 Datasheet
274Kb / 12P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
REV.0
logo
Linear Technology
LTC1553 LINER-LTC1553 Datasheet
399Kb / 24P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
LTC1553L LINER-LTC1553L Datasheet
370Kb / 20P
5-Bit Programmable Synchronous Switching Regulator Controller for Pentium II Processor
logo
Anachip Corp
AP2002 ANACHIP-AP2002 Datasheet
180Kb / 7P
Synchronous PWM Controller
Rev. 0.2 Apr 14, 2004
AP2007 ANACHIP-AP2007 Datasheet
181Kb / 7P
Synchronous PWM Controller
Rev. 1.0 Apr 1, 2005
logo
List of Unclassifed Man...
AT1604 ETC1-AT1604 Datasheet
162Kb / 2P
5-Bit Synchronous-Rectifier PWM Controller
logo
National Semiconductor ...
LM2688 NSC-LM2688 Datasheet
147Kb / 8P
Non-synchronous Step-down Controller for Pentium Microprocessors
logo
Diodes Incorporated
AP2014 DIODES-AP2014_09 Datasheet
270Kb / 14P
SYNCHRONOUS PWM CONTROLLER
AP2014/A Rev. 5
logo
ON Semiconductor
NCV3011DTBR2G ONSEMI-NCV3011DTBR2G Datasheet
412Kb / 28P
Synchronous PWM Controller
June, 2011 ??Rev. 3
NCP3011 ONSEMI-NCP3011_15 Datasheet
369Kb / 28P
Synchronous PWM Controller
September, 2015 ??Rev. 4
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com