Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APW7008 Datasheet (PDF) - Anpec Electronics Coropration

APW7008 Datasheet PDF - Anpec Electronics Coropration
Part # APW7008
Download  APW7008 Download
File Size   318.28 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1X/1.5X/2x Charge Pump White LED Driver

APW7008 Datasheet (PDF)

Go To PDF Page Download Datasheet
APW7008 Datasheet PDF - Anpec Electronics Coropration

Part # APW7008
Download  APW7008 Click to download

File Size   318.28 Kbytes
Page   21 Pages
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration
Description 1X/1.5X/2x Charge Pump White LED Driver

APW7008 Datasheet (HTML) - Anpec Electronics Coropration


APW7008 Product details

General Description
The APW7008 is a high efficiency charge pump white LED driver; the device drives up four white LEDs with regulated constant current for uniform intensity. The supply voltage ranges from 2.7V to 5.5V and it is optimized for a Li-ion battery application.

Features
• ±1.5% LED Current Matching
• High Efficiency Up to 90% Over Li-ion Battery Discharge
• Output Current Up to 30mA per LED
• 2.7V to 5.5V Operating Voltage
• Allow to Turn On or Off a Combination of LEDs
• 1x/1.5x/2x Charge Pump Modes
• Low Shutdown Current: 2mA Maximum
• Low Input Ripple and EMI
• Internal Soft-Start Limits Inrush Current
• Short Circuit Current-Limit
• Thermal Shutdown Protection
• Output Over-Voltage Protection
• 3mmx3mm 16-pin QFN (QFN3X3-16) Package
• Lead Free and Green Devices Available (RoHS Compliant)

Applications
• Cellular Phone White LED Back Light
• Portable Device
• PDA and Handheld Computer
• DSC




Similar Part No. - APW7008

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
APW7008QAI-TRG ANPEC-APW7008QAI-TRG Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
More results


Similar Description - APW7008

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Monolithic Power System...
MP1519 MPS-MP1519 Datasheet
211Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 4 White LED Driver
MP1519L MPS-MP1519L Datasheet
244Kb / 9P
1x, 1.5x, 2x High Efficiency Charge Pump 3 White LED Driver
MP3011 MPS-MP3011 Datasheet
218Kb / 8P
1x, 1.5x, 2x High Efficiency Charge Pump 2 White LED Driver
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1314 YOBON-YB1314 Datasheet
106Kb / 1P
120mA 1x/1.5x/2x Charge Pump for White LED
logo
Anpec Electronics Corop...
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
Monolithic Power System...
MP3021 MPS-MP3021 Datasheet
354Kb / 10P
1x, 1.5x, 2x Auto-Adjust Charge Pump White LED Backlight Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com