Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

YB1314 Datasheet (PDF) - YOBON TECHNOLOGIES,INC.

YB1314 Datasheet PDF - YOBON TECHNOLOGIES,INC.
Part # YB1314
Download  YB1314 Download
File Size   106.45 Kbytes
Page   1 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description 120mA 1x/1.5x/2x Charge Pump for White LED

YB1314 Datasheet (PDF)

Go To PDF Page Download Datasheet
YB1314 Datasheet PDF - YOBON TECHNOLOGIES,INC.

Part # YB1314
Download  YB1314 Click to download

File Size   106.45 Kbytes
Page   1 Pages
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.
Description 120mA 1x/1.5x/2x Charge Pump for White LED

YB1314 Datasheet (HTML) - YOBON TECHNOLOGIES,INC.


YB1314 Product details

Description
The YB1314 charge pump drive up to 4 white LEDs with regulated constant current. The devices can be used to produce current levels up to 30mA for each output from a 2.7V to 5.5V input. The 1MHz fix-frequency switching allows for tiny external components, and the regulation scheme is optimized to ensure low EMI and low input ripple.

Features
■ Input Range : 2.7V to 5.5V
■ Drives up to 4 LEDs at 30mA Each
■ 1MHz Internal Oscillator
■ Thermal Protection Shutdown
■ Output Short-circuit Current Limit and Overvoltage Protection
■ Undervoltage Lockout With Hysteresis
■ Automatic Soft-Start Reduces In-Rush Current
■ Three Charge Pump Mode:1x/1.5x/2x
■ 3mm x 3mm QFN package

Applications
■ White LED Backlighting
■ Handheld PCs and PDAs
■ Mobile Phone




Similar Part No. - YB1314

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1313QF33 YOBON-YB1313QF33 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
YB1315 YOBON-YB1315 Datasheet
786Kb / 10P
High Efficiency Charge Pump White LED Driver
YB1316 YOBON-YB1316 Datasheet
173Kb / 3P
Step-Up/ Step-Down / Fixed Output Application
More results


Similar Description - YB1314

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
AAT3142 ANALOGICTECH-AAT3142 Datasheet
416Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
YOBON TECHNOLOGIES,INC.
YB1313 YOBON-YB1313 Datasheet
636Kb / 9P
1x/1.5x/2x Charge Pump for White LED Application
logo
Anpec Electronics Corop...
APW7008 ANPEC-APW7008 Datasheet
318Kb / 21P
1X/1.5X/2x Charge Pump White LED Driver
APW7000 ANPEC-APW7000 Datasheet
300Kb / 18P
1X/1.5X/2x Charge Pump White LED Driver
APW7008 ANPEC-APW7008_12 Datasheet
309Kb / 22P
1X/1.5X/2x Charge Pump White LED Driver
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com