Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AAT3142 Datasheet (PDF) - Advanced Analogic Technologies

AAT3142 Datasheet PDF - Advanced Analogic Technologies
Part # AAT3142
Download  AAT3142 Download
File Size   416.83 Kbytes
Page   16 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications

AAT3142 Datasheet (PDF)

Go To PDF Page Download Datasheet
AAT3142 Datasheet PDF - Advanced Analogic Technologies

Part # AAT3142
Download  AAT3142 Click to download

File Size   416.83 Kbytes
Page   16 Pages
Manufacturer  ANALOGICTECH [Advanced Analogic Technologies]
Direct Link  http://www.analogictech.com
Logo ANALOGICTECH - Advanced Analogic Technologies
Description High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications

AAT3142 Datasheet (HTML) - Advanced Analogic Technologies


AAT3142 Product details

General Description
The AAT3142 is a low noise, constant frequency charge pump DC/DC converter that uses a trimode load switch (1X), fractional (1.5X), and doubling (2X) conversion to maximize efficiency for white LED applications. The device produces current levels up to 30mA on each of its three current source outputs to drive various arrangements of LEDs from a 2.7V to 5.5V input. Outputs may be operated individually or in parallel for driving higher-current LEDs. A low external parts count (two 1µF flying capacitors and two small 1µF capacitors at VIN and CP) make the AAT3142 ideally suited for small battery-powered applications.

Features
• VIN Range: 2.7V to 5.5V
• Tri-Mode 1X, 1.5X, and 2X Charge Pump for Maximum Efficiency and VF Coverage
• Drives Low-VF and High-VF Type LEDs
• Up to Three 30mA Outputs
• 32-Position Logarithmic Scale with Digital Control
• Low Noise Constant Frequency Operation
• 1MHz Switching Frequency
• Small Application Circuit
• Regulated Output Current
• Automatic Soft Start
• No Inductors
• IQ < 1µA in Shutdown
• 12-Pin TSOPJW Package

Applications
• Color (RGB) Lighting
• Programmable Current Sources
• White LED Backlighting
• White Photo Flash for Digital Still Cameras




Similar Part No. - AAT3142

ManufacturerPart #DatasheetDescription
logo
Advanced Analog Technol...
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Advanced Analogic Techn...
AAT3142 ANALOGICTECH-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Skyworks Solutions Inc.
AAT3142 SKYWORKS-AAT3142 Datasheet
1Mb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
July 6, 2012
logo
Advanced Analog Technol...
AAT3142ITP-T1 AAT-AAT3142ITP-T1 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
logo
Advanced Analogic Techn...
AAT3142ITP-T1 ANALOGICTECH-AAT3142ITP-T1 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
More results


Similar Description - AAT3142

ManufacturerPart #DatasheetDescription
logo
Advanced Analogic Techn...
AAT3152 ANALOGICTECH-AAT3152 Datasheet
123Kb / 10P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
logo
Advanced Analog Technol...
AAT3140 AAT-AAT3140 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3140.2007.03.1.3
AAT3142 AAT-AAT3142 Datasheet
481Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3142.2007.03.1.2
AAT3151 AAT-AAT3151 Datasheet
444Kb / 15P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
3151.2007.03.1.10
logo
Advanced Analogic Techn...
AAT3158 ANALOGICTECH-AAT3158 Datasheet
284Kb / 11P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
Advanced Analog Technol...
AAT3167 AAT-AAT3167 Datasheet
438Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3167.2007.03.1.4
AAT3169 AAT-AAT3169 Datasheet
442Kb / 14P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
3169.2006.08.1.2
logo
Advanced Analogic Techn...
AAT3140 ANALOGICTECH-AAT3140_07 Datasheet
483Kb / 16P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
logo
SiGe Semiconductor, Inc...
AATIAN58 SIGE-AATIAN58 Datasheet
86Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump for White LED Applications
AATIAN60 SIGE-AATIAN60 Datasheet
87Kb / 4P
High Efficiency 1X/1.5X/2X Charge Pump For White LED Applications
More results




About Advanced Analogic Technologies


Advanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power manageAdvanced Analogic Technologies (AnalogicTech) is a semiconductor company that specializes in the design, development and manufacture of power management and high-performance analog integrated circuits (ICs).
The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices.
AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.ment and high-performance analog integrated circuits (ICs). The company's products are used in a wide range of applications including mobile devices, laptops, digital cameras, and other portable electronic devices. AnalogicTech's portfolio includes DC-DC converters, LED drivers, battery management ICs, and other power management solutions. The company was acquired by Texas Instruments in 2013.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com